| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
orP240D2 bảng dữ liệu(PDF) 2 Page - Opto Electronics Co,. LTD |
|
|
|||||||||||||||||||||||||||||
orP240D2 bảng dữ liệu(HTML) 2 Page - Opto Electronics Co,. LTD |
|
2 / 23 page ![]() Solid-State Relays Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com © 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations. PAGE 2 encapsulation. This double testing of every part before it leaves the factory means you can rely on Opto 22 solid state relays. All Opto 22 SSRs are guaranteed for life. Accessories for the Power-Series SSRs include a safety cover, heatsink, and a matching thermal conductive pad. See page 3. Power Series SSRs Opto 22 provides a full range of Power Series relays with a wide variety of voltage (120–575 volts) and current options (3–45 amps). All Power Series relays feature 4,000 volts of optical isolation and have a high PRV rating. Some Power Series relays include built-in LEDs to indicate operation. See page 4. DC Series The DC Series delivers isolated DC control to large OEM customers worldwide. All DC control SSRs are LS TTL compatible. AC Series The AC Series offers the ultimate in solid state reliability. All AC Power Series relays feature a built-in snubber as well as zero- voltage turn-on and zero-current turn-off. Transient-proof models offer self protection for noisy electrical environments. Z Series SSRs The Z Series employs a unique heat transfer system that makes it possible for Opto 22 to deliver a low-cost, 10-amp, solid state relay in an all-plastic case. The push-on, tool-free quick-connect terminals make the Z Series ideal for high- volume OEM applications. Operating temperature: –40 °C to 100 °C. See page 7. Printed Circuit Series SSRs Opto 22’s Printed Circuit Series allows OEMs to easily deploy solid state relays on printed circuit boards. Two unique packages are available, both of which will switch loads up to four amps. Operating temperature: –40 °C to 100 °C. See page 9. MP Series The MP Series packaging is designed with a minimum footprint to allow maximum relay density on the printed circuit board. P Series The P Series power relays provide low-profile [0.5 in. (12.7 mm)] center mounting on printed circuit boards. HS Series SSRs The HS Series features an integrated heatsink, which makes them so cool. These relays have less thermal resistance inside, so heat dissipates more easily than in a standard SSR mounted to the same heatsink. With the heatsink built-in, you don't have to select one from a catalog, and installation is much easier. See page 13. Specifications (all Power Series models) • 4,000 V optical isolation, input to output • Zero voltage turn-on • Zero-current turn-off • Turn-on time: 0.5 cycle maximum • Turn-off time: 0.5 cycle maximum • Operating temperature: –40 °C to 100 °C • Operating frequency: 25 to 65 Hz (operates at 400 Hz with six times off-state leakage) • Coupling capacitance, input to output: 8 pF maximum • Hermetically sealed • DV/DT Off-state: 200 volts per microsecond • DV/DT commutating: snubbed for rated current at 0.5 power factor • UL recognized • CSA certified • CE component • Torque specs for screws (this spec is both the recommended torque and the maximum torque you should use): Control terminals, 10 in-lb (1.13 N-m) Field terminals, 18 in-lb (2.03 N-m) |