| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLE113 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BLE113 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 30 page ![]() Bluegiga Technologies Oy Page 8 of 30 PIN NUMBER PIN NAME PIN TYPE DESCRIPTION 9 P2_2 10 P2_1 11 P2_0 12 P1_7 13 P1_6 19 P1_5 20 P1_4 21 P1_3 22 P1_2 26 P0_7 27 P0_6 28 P0_5 29 P0_4 30 P0_3 31 P0_2 32 P0_1 33 P0_0 23 P1_1 24 P1_0 14 SCL I2C clock or digital I/O Can be used as I2C clock pin or digital I/O. Leave floating if not used. If grounded disable pull up. 15 SDA I2C data or digital I/O Can be used as I2C data pin or digital I/O. Leave floating if not used. If grounded disable pull up. Configurable I/O port, See table 3 Digital I/O Configurable I/O port with 20mA driving capability, See table 3 Digital I/O Table 2: Terminal Descriptions *)BLE113 is configurable as either SPI master or SPI slave |