| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAC5220 bảng dữ liệu(PDF) 49 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
PAC5220 bảng dữ liệu(HTML) 49 Page - Active-Semi, Inc |
|
49 / 73 page ![]() PAC5220 Power Application Controller 14.3. Functional Description The device has multiple banks of embedded FLASH memory, SRAM memory, as well as peripheral control registers that are all program-accessible in a flat memory map. 14.3.1. Program and Data FLASH 32kB in 32 pages of 1kB each is available for program or data memory. Each of them can be individually erased or written to while the microcontroller is executing a program from SRAM. 14.3.2. SRAM Up to 8kB contiguous array of SRAM is available for non-persistent data storage. The SRAM memory supports word (4-byte), half-word (2-byte) and byte address aligned access. The microcontroller may execute code out of SRAM for time-critical applications, or when modifying the contents of FLASH memory. - 49 - Rev 1.0‒February 25, 2014 |