| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM4961GS bảng dữ liệu(PDF) 5 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4961GS bảng dữ liệu(HTML) 5 Page - Diodes Incorporated |
|
5 / 14 page ![]() Data Sheet 5 May. 2011 Rev. 2. 4 BCD Semiconductor Manufacturing Limited SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER AM4961 HIN- HIN+ COSC (Note 1) CT OUT1 OUT2 FG RD Mode HL H L HL L L Rotation (Drive) LH LH OFF HL L OFF L L Rotation (Recirculate) LH L OFF OFF HL H H HOFF L OFF Lock Protection L H OFF H OFF HL L OFF OFF L L H OFF OFF OFF Truth Table Note 1: VOSC (H) >VPWM, VOSC (L) <VPWM. Package Temperature Range Part Number Marking ID Packing Type Lead Free Green Lead Free Green SSOP-16 -30 to 90oC AM4961GS-E1 AM4961GS-G1 AM4961GS AM4961GS-G1 Tube AM4961GSTR-E1 AM4961GSTR-G1 AM4961GS AM4961GS-G1 Tape & Reel HTSSOP-14 AM4961GH-E1 AM4961GH-G1 AM4961GH AM4961GH-G1 Tube AM4961GHTR-E1 AM4961GHTR-G1 AM4961GH AM4961GH-G1 Tape & Reel Circuit Type Package GS: SSOP-16 E1: Lead Free AM4961 - TR: Tape and Reel Blank: Tube Ordering Information GH: HTSSOP-14 G1: Green BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green packages. |