| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM4964 bảng dữ liệu(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4964 bảng dữ liệu(HTML) 8 Page - Diodes Incorporated |
|
8 / 21 page ![]() AM4964 Document number: DS37241 Rev. 2 - 2 8 of 21 www.diodes.com June 2014 © Diodes Incorporated AM4964 A Product Line of Diodes Incorporated Functional Descriptions (cont.) TH – High Temperature Corner Set Pin A resistor (R9) is connected between TH and ground to adjust the high corner temperature. High corner temperature can be estimated by: TH=TL+5*R9/100. High Temperature Corner vs. R9 TA – Output Duty Gap Adjust between High and Low Temperature Corners When Input Duty is 100% A resistor (R7) is connected between TA and ground to adjust the output PWM duty gap between high temperature and low temperature corners when the external input PWM duty is 100%. 0 100 200 300 400 500 600 700 800 900 1000 0 20 40 60 80 100 Low Temperature High Temperature The Gap Between Low and High Temperature R7 (K) Output PWM Duty vs. R7 40 60 80 100 120 140 160 180 200 220 240 32 34 36 38 40 42 Input Duty Cycle=100% R9 (k) |