| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX100798 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AX100798 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() COMMERCIAL NETWORKING — COPPER 15.14 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com BIX Cross-Connect System Mounts, Covers and Wire Management Accessories Belden Part Number Description BIX Cross-Connect System BIX Mount BIX Mount, QMBIX12E (300-pair) A0340836 BIX Mount, QMBIX10A (250-pair) A0270164 BIX Mount, QMBIX10C (50-pair) A0284798 BIX Mount with Cover BIX Mount with Cover, (Locking), 50-pair A0277853 BIX Mount with Cover, (Snap-on), 50-pair A0277854 BIX Locking Cover BIX Locking Cover, for QMBIX12E (300-pair) A0340838 BIX Locking Cover, for QMBIX10A (250-pair) A0285986 BIX Cover BIX Cover, QMBIX10A, Stand-alone installation, locking A0276396 BIX Cover, QMBIX10A, Stand-alone installation, non-locking A0276394 Distribution Ring Distribution Ring A0270168 These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status. BIX Mount BIX Mounts are basic components used in building a cross-connect system. They can accept BIX Distribution, Multiplying or Modular Jack Connectors. The 300 and 250-pair mounts can be wall-mounted or installed on BIX Frames. These mounts feature an interlocking design allowing them to be stacked for larger cross-connect installations. The BIX 50-pair Mount is typically used in small cross-connect installations. Also available is a 50-pair mount with cover that is sold as an assembly and is typically used in small cross-connect installations where security and/or dust protection is required. BIX Cover BIX Covers can be used to restrict access of cross-connect installations for better protection and security. Two sizes are available to suit either the QMBIX12E 300-pair mount or the QMBIX10A 250-pair mount. The two locking covers used in wall or frame-mounted installations are molded with translucent plastic allowing visual inspection. Also available are two covers used exclusively in stand-alone QMBIX10A 250-pair mount installations: one locking, the other non-locking—both have four cable entries, one at each corner. Distribution Ring The Distribution Ring is used in wall mount installations providing a cross-connect channel for jumper wires, patch cords and cables. The Distribution Ring interlocks with the QMBIX12E or QMBIX10A mounts, providing proper spacing and alignment. A0340836 QMBIX12E BIX Mount, 300-pair A0284798 QMBIX10C BIX Mount, 50-pair A0277853 QMBIX31A 50-pair Mount with Locking Cover A0285986 Locking Cover for 250-pair Mount A0276396 BIX Cover, QMBIX10A, Stand-alone installation, Locking A0270168 Distribution Ring |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |