| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M22-R10K bảng dữ liệu(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-R10K bảng dữ liệu(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 89 page ![]() Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 39 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Key-Operated Selector Switches Components Operators Only, Continued Notes Includes 1 key. Key removal positions can be modified in the field using coding adapters; see chart on Page 66. Includes contact block mounting adapter. Momentary selector switches can be converted in the field to maintained operation with the removal of a color coded adapter. See Page 66. Discount Symbol: 1CD1. Type Switching Position Bezel Key Removal Position Key Code Catalog Number Price U.S. $ 2-Position Maintained Silver Key Removable Left MS1 M22-WRS-A1 49.50 MS2 M22-WRS-MS2-A1 49.50 MS3 M22-WRS-MS3-A1 49.50 MS4 M22-WRS-MS4-A1 49.50 MS5 M22-WRS-MS5-A1 49.50 MS6 M22-WRS-MS6-A1 49.50 MS7 M22-WRS-MS7-A1 49.50 MS8 M22-WRS-MS8-A1 49.50 Key Removable Left/Right MS1 M22-WRS 49.50 MS2 M22-WRS-MS2 49.50 MS3 M22-WRS-MS3 49.50 MS4 M22-WRS-MS4 49.50 MS5 M22-WRS-MS5 49.50 MS6 M22-WRS-MS6 49.50 MS7 M22-WRS-MS7 49.50 MS8 M22-WRS-MS8 49.50 Black Key Removable Left MS1 M22S-WRS-A1 48.00 MS2 M22S-WRS-MS2-A1 48.00 MS3 M22S-WRS-MS3-A1 48.00 MS4 M22S-WRS-MS4-A1 48.00 MS5 M22S-WRS-MS5-A1 48.00 MS6 M22S-WRS-MS6-A1 48.00 MS7 M22S-WRS-MS7-A1 48.00 MS8 M22S-WRS-MS8-A1 48.00 Key Removable Left/Right MS1 M22S-WRS 48.00 MS2 M22S-WRS-MS2 48.00 MS3 M22S-WRS-MS3 48.00 MS4 M22S-WRS-MS4 48.00 MS5 M22S-WRS-MS5 48.00 MS6 M22S-WRS-MS6 48.00 MS7 M22S-WRS-MS7 48.00 MS8 M22S-WRS-MS8 48.00 3-Position Momentary Silver Return From Left/Right, Key Removable Center MS1 M22-WS3 53.50 MS2 M22-WS3-MS2 53.50 MS3 M22-WS3-MS3 53.50 MS4 M22-WS3-MS4 53.50 MS5 M22-WS3-MS5 53.50 MS6 M22-WS3-MS6 53.50 MS7 M22-WS3-MS7 53.50 MS8 M22-WS3-MS8 53.50 Black Return From Left/Right, Key Removable Center MS1 M22S-WS3 52.00 MS2 M22S-WS3-MS2 52.00 MS3 M22S-WS3-MS3 52.00 MS4 M22S-WS3-MS4 52.00 MS5 M22S-WS3-MS5 52.00 MS6 M22S-WS3-MS6 52.00 MS7 M22S-WS3-MS7 52.00 MS8 M22S-WS3-MS8 52.00 M22S-WRS M22-WS3-X93 |