| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMF bảng dữ liệu(PDF) 2 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
SMF bảng dữ liệu(HTML) 2 Page - PACELEADER INDUSTRIAL |
|
2 / 3 page ![]() Note: 1. The available parts are "A" type only,the parts without A(VBR is ±10%) is not available 2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double 2 www.paceleader.tw SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SMF Series |