| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT412US-T bảng dữ liệu(PDF) 9 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT412US-T bảng dữ liệu(HTML) 9 Page - Active-Semi, Inc |
|
9 / 17 page ![]() ACT412 Rev 1, 30-Oct-13 Innovative PowerTM - 9 - www.active-semi.com Copyright © 2013 Active-Semi, Inc. Active-Semi Proprietary―For Authorized Recipients and Customers ActivePSR TM is a trademark of Active-Semi. enter the restart process. A counter is used to reduce sensitivity to noise and prevent the auto start unnecessary. Open Loop Protection ACT412 is able to protect itself from damage when the control loop is open. The typical open loop condition includes either VFB floating or RFB5 open. Over Temperature Shutdown The thermal shutdown circuitry detects the ACT412 die temperature. The threshold is set at typical 135˚C. When the die temperature rises above this threshold (135˚C) the ACT412 is disabled and remains disabled until the die temperature falls below 115˚C, at which point the ACT412 is re- enabled. TYPICAL APPLICATION CONT’D |