công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF-USMF010 bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions

tên linh kiện MF-USMF010
Giải thích chi tiết về linh kiện  Fast tripping resettable circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF010 bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions

  MF-USMF010 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF010 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-USMF Series - PTC Resettable Fuses
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values
due to the influence of other variables.
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-USMF005
0.08
0.07
0.06
0.05
0.04
0.04
0.03
0.03
0.02
MF-USMF010
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.06
0.05
MF-USMF020
0.32
0.28
0.24
0.20
0.18
0.16
0.14
0.12
0.10
MF-USMF035
0.51
0.46
0.40
0.34
0.30
0.27
0.24
0.22
0.18
MF-USMF050
0.76
0.66
0.58
0.48
0.42
0.38
0.35
0.29
0.23
MF-USMF075
1.10
0.97
0.86
0.72
0.64
0.58
0.55
0.47
0.39
MF-USMF110
1.60
1.42
1.26
1.10
0.94
0.86
0.80
0.70
0.58
MF-USMF150
2.30
2.02
1.76
1.43
1.24
1.11
1.00
0.85
0.65
MF-USMF175X
2.80
2.45
2.10
1.75
1.55
1.45
1.35
1.25
1.10
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (Amps)
MF-USMF010
MF-USMF020
MF-USMF035
MF-USMF050
MF-USMF150
MF-USMF175X
MF-USMF110
MF-USMF075
MF-USMF005
How to Order
MF - USMF 010 X - 2
Multifuse® Product
Designator
Series
USMF = 1210 Surface Mount
Component
Hold Current, Ihold
005-175 (0.05-1.75 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION:
MF-USMF005 = 0
MF-USMF010 = 1
MF-USMF020 = 2
MF-USMF035 = 3
MF-USMF050 = 4
MF-USMF075 = 5
MF-USMF110 = 6
MF-USMF150 = 8
MF-USMF175X = 9
BIWEEKLY DATE CODE:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
6
A
UNDERSCORE
SIGNIFIES
HALOGEN FREE
COMPLIANCE
MF-USMF SERIES, REV. N, 09/13



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com