công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3V712-A bảng dữ liệu(PDF) 1 Page - Pericom Semiconductor Corporation

tên linh kiện PI3V712-A
Giải thích chi tiết về linh kiện  3.3V, 7-Channel Analog Video Switch with Dual Control Logic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V712-A bảng dữ liệu(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3V712-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V712-A Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.pericom.com
12/18/09
All trademarks are property of their respective owners.
PI3V712-A
3.3V, 7-Channel Analog Video Switch with Dual Control Logic
Ordering Information
Ordering Code
Package Code
Package Type
PI3V712-AZHE
ZH
Pb-free & Green, 28-pin TQFN
PI3V712-AZLE
ZL
Pb-free & Green, 32-pin TQFN
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free and Green
3. Adding an X Suffix = Tape/Reel
Block Diagram
A0
A1
A2
A3
A4
A5
A6
SEL2
0B1
1B1
0B2
1B2
2B1
3B1
2B2
3B2
4B1
5B1
5B2
6B1
6B2
SEL1
4B2
Features
Designed specifically to switch VGA signals
7-Channels for VGA signals (R,G,B, Hsync, Vsync, DDC
Dat, and DDC CLK)
1st SEL can control RGBHV signals and 2nd SEL can control
SCL/SDA signals
V
DD = 3.3V +/-10%
ESD tolerance on video I/O pins is up to 12kV HBM per
JEDEC standard and 8kV contact per IEC61000-4-2
standard
-3dB BW of 1.0GHz (typ)
Low Xtalk, (-44dB typ)
Low and Flat ON-STATE resistance (R
on = 3-Ohm, Ron(Flat)
= 0.5ohm, typ)
Low input/output capacitance (Con = 6.5pF, typ)
Packaging (Pb-free and Green):
32-contact TQFN (ZLE)
28-contact TQFN (ZHE)
Applications
Routes physical layer signals for high bandwidth digital video
Description
Pericom’s PI3V712-A is a 7-channel video mux/demux used to
switch between multiple VGA sources or end points. In a note-
book application where analog video signals are found in both
the notebook and the dock, a switch solution is required to switch
between the two video port locations. With the high bandwidth
of ~1.0GHz, the signal integrity will remain strong even through
the long FR4 trace between the notebook and the docking sta-
tion. In addition to high signal performance, the video signals are
also protected against high ESD with integrated diodes to V
DD
and GND that will support up to 8kV of contact ESD protection.
Application
Routing VGA signals with low signal attenuation and high ESD
protection.


Số phần tương tự - PI3V712-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
PI3V713-AZLE PERICOM-PI3V713-AZLE Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
PI3V713ZLE PERICOM-PI3V713ZLE Datasheet
933Kb / 9P
3.3V, 7-Channel Analog Video Switch with Automatic Switching
More results

Mô tả tương tự - PI3V712-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Torex Semiconductor
XC74WL4066SR TOREX-XC74WL4066SR Datasheet
204Kb / 10P
CMOS Logic Dual Analog Switch/Multiplexer
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
Analog Video Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
7-CHANNEL VIDEO SWITCH
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
STMicroelectronics
STMUX7000 STMICROELECTRONICS-STMUX7000 Datasheet
321Kb / 20P
7-channel MUX/DEMUX for analog video signal
09-Mar-2011
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com