| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KBU bảng dữ liệu(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
KBU bảng dữ liệu(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() DIM Min Max DIM Min Max A 22.70 23.70 G 3.50 B 18.80 19.80 H 1.20 1.30 C 16.80 17.80 J 7.50 D 25.40 K 5.70 E 6.80 7.10 L 3.80 F 4.60 5.60 KBU_Pkg_Drawing Rev281005 KBU Leaded Plastic Package All Dimensions are in mm Continental Device India Limited Data Sheet Page 2 of 3 Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |