| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MHCC bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHCC bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 23 page ![]() Molding Power Choke – MHCC/MHCI Series Electrical Characteristics Inductance Tolerance Test Frequency Irms Isat RDC Part Number (uH) (±%) (KHz) (A)Typ. (A)Typ. (mΩ)Max MHCI04020-R10M-R8 0.10 20 100 12.0 25 4 MHCI04020-R22M-R8 0.22 20 100 9.0 12.5 6.6 MHCI04020-R47M-R8 0.47 20 100 7.0 9.5 14 MHCI04020-1R0M-R8 1.0 20 100 4.5 7.0 27 MHCI04020-1R5M-R8 1.5 20 100 4.0 6.0 46 MHCI04020-2R2M-R8 2.2 20 100 3.0 5.0 58 MHCI04020-3R3M-R8 3.3 20 100 2.5 4.0 87 MHCI04020-4R7M-R8 4.7 20 100 2.2 3.0 105 MHCI04020-6R8M-R8 6.8 20 100 2.0 2.5 135 MHCI04020-8R2M-R8 8.2 20 100 2.0 2.5 216 MHCI04020-100M-R8 10 20 100 1.6 2.0 258 Irms DC current (A) that will cause an approximate ΔT of 40℃ Isat DC current (A) that will cause L to drop approximately 30% Tolerance:M= ±20% L : WK 3260B, 100KHz 0.5V Rdc : CHEN HWA 502 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise) Test Instruments: WK3260B Impedance / Material Analyzer Inductance vs DC Current 0 1 2 3 4 5 6 7 8 9 10 11 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 DC Current(A) 3R3 2R2 1R5 R47 R22 R10 4R7 1R0 100 6R8 8R2 Tem perature Change v.s DC Current 0 20 40 60 80 100 120 140 0 2 4 6 8 10 12 1416 182022 DC Current(A) 3R3 2R2 1R5 R47 R22 R10 4R7 1R0 100 8R2 6R8 |