công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEI201610A-R47M-Q8 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện HEI201610A-R47M-Q8
Giải thích chi tiết về linh kiện  Molding Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HEI201610A-R47M-Q8 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  HEI201610A-R47M-Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers HEI201610A-R47M-Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Molding Power Inductors – HEI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
HEI201208A-R24M-Q8
0.24
20
2
4.2(4.8)
4.8(5.4)
25(19)
HEI201208A-R47M-Q8
0.47
20
2
3.0(3.4)
3.2(3.6)
48(40)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance vs. DC Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
01
234
56
DC Current(A)
R24
R47
Temperature Change vs. DC Current
0
10
20
30
40
50
60
70
0
1
234
56
DC Current(A)
R24
R47



Html Pages

1 2 3 4 5 6 7 8 9