| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIN-HIPAX-SERIES bảng dữ liệu(PDF) 10 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
PIN-HIPAX-SERIES bảng dữ liệu(HTML) 10 Page - M/A-COM Technology Solutions, Inc. |
|
10 / 12 page ![]() High Power PIN Diodes V14 MA4P MELF & HIPAX™Series ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 10 A B C C D Cathode Band 402 Package (bulk only) 100pcs/bag INCHES MM MIN. MAX MIN. MAX. MA4P4001B-402 MA4P4001BNM-402 MA4P4002B-402 MA4P4006B-402 MA4P4301B-402 MA4P4302B-402 A — 0.230 — 5.84 B — 0.140 — 3.56 C 0.975 24.77 — D 0.039 0.041 0.99 1.04 401 Axial Leaded Packages Case Styles 1091 MELF Surface Mount Packages 1072 Package (tape and reel only) 1500 or 5000pcs/reel specify when ordering INCHES MM MIN. MAX. MIN. MAX. MA4P1250-1072T MA4P1250NM-1072T MA4P7001F-1072T MA4P7002F-1072T MA4P7006F-1072T MA4P7101F-1072T MA4P7104F-1072T A 0.080 0.095 2.032 2.413 B 0.115 0.125 2.921 3.175 C 0.008 0.023 0.203 0.584 1091 Package (tape and reel only) 500pcs/reel INCHES MM MIN. MAX. MIN. MAX. MA4P1450-1091T MA4P4001F-1091T MA4P4002F-1091T MA4P4006F-1091T MA4P4301F-1091T A 0.138 0.155 3.51 3.94 B 0.181 0.191 4.57 4.85 C 0.011 0.026 0.279 0.660 A A B C Solderable Surfaces Cathode 1072 MELF Surface Mount Packages A A B C Solderable Surfaces Cathode 402 Axial Leaded Packages A B C C D Cathode Band 401 Package (tape and reel only) 500 or 1000pcs/reel specify when ordering INCHES MM MIN. MAX. MIN. MAX. MA4P1200-401T MA4P1200NM-401T MA4P7002B-401T MA4P7006B-401T MA4P7101B-401T MA4P7102B-401T MA4P7104B-401T A — 0.130 — 3.30 B — 0.090 — 2.29 C 0.975 24.77 — D 0.027 0.029 0.69 0.74 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |