| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO13NDB0V0 bảng dữ liệu(PDF) 97 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13NDB0V0 bảng dữ liệu(HTML) 97 Page - Microsemi Corporation |
|
97 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 2 - 85 Sigma-delta DAC power supply current requirements (not including VAREFx) Input = 0, EN = 1 (operational mode) VCC33SDDx 30 35 µA VCC15A 3 5 µA Input = Half scale, EN = 1 (operational mode) VCC33SDDx 160 165 µA VCC15A 33 35 µA Input = Full scale, EN = 1 (operational mode) VCC33SDDx 280 285 µA VCC15A 70 75 µA Figure 2-44 • Sigma-Delta DAC Setting Time Table 2-98 • Analog Sigma-Delta DAC (continued) Specification Test Conditions Min. Typ. Max. Units Note: *FS is full-scale error, defined as the difference between the actual value that triggers the transition to full-scale and the ideal analog full-scale transition value. Full-scale error equals offset error plus gain error. Refer to the Analog-to-Digital Converter chapter of the SmartFusion Programmable Analog User’s Guide for more information. 0 0 1 2 3 4 5 6 7 8 9 10 32 48 64 128 255 20 40 60 80 100 120 140 160 180 200 220 Input Code Sigma Delta DAC Settling Time |