công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO11RSB0 bảng dữ liệu(PDF) 207 Page - Microsemi Corporation

tên linh kiện IO11RSB0
Giải thích chi tiết về linh kiện  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 bảng dữ liệu(HTML) 207 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 202Page - Microsemi Corporation IO11RSB0 Datasheet HTML 203Page - Microsemi Corporation IO11RSB0 Datasheet HTML 204Page - Microsemi Corporation IO11RSB0 Datasheet HTML 205Page - Microsemi Corporation IO11RSB0 Datasheet HTML 206Page - Microsemi Corporation IO11RSB0 Datasheet HTML 207Page - Microsemi Corporation IO11RSB0 Datasheet HTML 208Page - Microsemi Corporation IO11RSB0 Datasheet HTML 209Page - Microsemi Corporation IO11RSB0 Datasheet HTML 210Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 207 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
5 - 11
Advance v0.3
The "PLL Macro" section was updated. EXTFB information was removed from
this section.
2-15
The CCC Output Peak-to-Peak Period Jitter FCCC_OUT was updated in Table 2-
11 • ProASIC3 CCC/PLL Specification
2-29
EXTFB was removed from Figure 2-27 • CCC/PLL Macro.
2-28
Table 2-13 • ProASIC3 I/O Features was updated.
2-30
The "Hot-Swap Support" section was updated.
2-33
The "Cold-Sparing Support" section was updated.
2-34
"Electrostatic Discharge (ESD) Protection" section was updated.
2-35
The LVPECL specification in Table 2-43 • I/O Hot-Swap and 5 V Input Tolerance
Capabilities in ProASIC3 Devices was updated.
2-64
In the Bank 1 area of Figure 2-72, VMV2 was changed to VMV1 and VCCIB2 was
changed to VCCIB1.
2-97
The VJTAG and I/O pin descriptions were updated in the "Pin Descriptions"
section.
2-50
The "JTAG Pins" section was updated.
2-51
"128-Bit AES Decryption" section was updated to include M7 device information.
2-53
Table 3-6 was updated.
3-6
Table 3-7 was updated.
3-6
In Table 3-11, PAC4 was updated.
3-93-8
Table 3-20 was updated.
3-20
The note in Table 3-32 was updated.
3-27
All Timing Characteristics tables were updated from LVTTL to Register Delays
3-31 to 3-
73
The Timing Characteristics for RAM4K9, RAM512X18, and FIFO were updated.
3-85 to
3-90
FTCKMAX was updated in Table 3-110.
3-97
Advance v0.2
Figure 2-11 was updated.
2-9
The "Clock Resources (VersaNets)" section was updated.
2-9
The "VersaNet Global Networks and Spine Access" section was updated.
2-9
The "PLL Macro" section was updated.
2-15
Figure 2-27 was updated.
2-28
Figure 2-20 was updated.
2-19
Table 2-5 was updated.
2-25
Table 2-6 was updated.
2-25
The "FIFO Flag Usage Considerations" section was updated.
2-27
Table 2-13 was updated.
2-30
Figure 2-24 was updated.
2-31
The "Cold-Sparing Support" section is new.
2-34
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com