công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO11RSB0 bảng dữ liệu(PDF) 204 Page - Microsemi Corporation

tên linh kiện IO11RSB0
Giải thích chi tiết về linh kiện  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 bảng dữ liệu(HTML) 204 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 200Page - Microsemi Corporation IO11RSB0 Datasheet HTML 201Page - Microsemi Corporation IO11RSB0 Datasheet HTML 202Page - Microsemi Corporation IO11RSB0 Datasheet HTML 203Page - Microsemi Corporation IO11RSB0 Datasheet HTML 204Page - Microsemi Corporation IO11RSB0 Datasheet HTML 205Page - Microsemi Corporation IO11RSB0 Datasheet HTML 206Page - Microsemi Corporation IO11RSB0 Datasheet HTML 207Page - Microsemi Corporation IO11RSB0 Datasheet HTML 208Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 210 page
background image
Datasheet Information
5- 8
R ev isio n 1 5
v2.0
(continued)
Table 3-20 • Summary of I/O Timing Characteristics—Software Default Settings
(Advanced) and Table 3-21 • Summary of I/O Timing Characteristics—Software
Default Settings (Standard Plus) were updated.
3-20 to
3-20
Table 3-11 • Different Components Contributing to Dynamic Power Consumption
in ProASIC3 Devices was updated.
3-9
Table 3-24 • I/O Output Buffer Maximum Resistances1 (Advanced) and Table 3-
25 • I/O Output Buffer Maximum Resistances1 (Standard Plus) were updated.
3-22 to
3-22
Table 3-17 • Summary of Maximum and Minimum DC Input Levels Applicable to
Commercial and Industrial Conditions was updated.
3-18
Table 3-28 • I/O Short Currents IOSH/IOSL (Advanced) and Table 3-29 • I/O
Short Currents IOSH/IOSL (Standard Plus) were updated.
3-24 to
3-26
The note in Table 3-32 • I/O Input Rise Time, Fall Time, and Related I/O
Reliability was updated.
3-27
Figure 3-33 • Write Access After Write onto Same Address, Figure 3-34 • Read
Access After Write onto Same Address, and Figure 3-35 • Write Access After
Read onto Same Address are new.
3-82 to
3-84
Figure 3-43 • Timing Diagram was updated.
3-96
Ambient was deleted from the "Speed Grade and Temperature Grade Matrix".
iv
Notes were added to the package diagrams identifying if they were top or bottom
view.
N/A
The A3P030 "132-Pin QFN" table is new.
4-2
The A3P060 "132-Pin QFN" table is new.
4-4
The A3P125 "132-Pin QFN" table is new.
4-6
The A3P250 "132-Pin QFN" table is new.
4-8
The A3P030 "100-Pin VQFP" table is new.
4-11
Advance v0.7
(January 2007)
In the "I/Os Per Package" table, the I/O numbers were added for A3P060,
A3P125, and A3P250. The A3P030-VQ100 I/O was changed from 79 to 77.
ii
Advance v0.6
(April 2006)
The term flow-through was changed to pass-through.
N/A
Table 1 was updated to include the QN132.
ii
The "I/Os Per Package" table was updated with the QN132. The footnotes were
also updated. The A3P400-FG144 I/O count was updated.
ii
"Automotive ProASIC3 Ordering Information" was updated with the QN132.
iii
"Temperature Grade Offerings" was updated with the QN132.
iii
B-LVDS and M-LDVS are new I/O standards added to the datasheet.
N/A
The term flow-through was changed to pass-through.
N/A
Figure 2-7 • Efficient Long-Line Resources was updated.
2-7
The footnotes in Figure 2-15 • Clock Input Sources Including CLKBUF,
CLKBUF_LVDS/LVPECL, and CLKINT were updated.
2-16
The Delay Increments in the Programmable Delay Blocks specification in Figure
2-24 • ProASIC3E CCC Options.
2-24
The "SRAM and FIFO" section was updated.
2-21
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com