| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO94RSB1 bảng dữ liệu(PDF) 91 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO94RSB1 bảng dữ liệu(HTML) 91 Page - Microsemi Corporation |
|
91 / 210 page ![]() ProASIC3 Flash Family FPGAs Re vi s i on 15 2 - 86 Table 2-109 • A3P060 Global Resource Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V Parameter Description –2 –1 Std. Units Min.1 Max.2 Min.1 Max.2 Min.1 Max.2 tRCKL Input Low Delay for Global Clock 0.710.930.811.050.951.24 ns tRCKH Input High Delay for Global Clock 0.700.960.801.090.941.28 ns tRCKMPWH Minimum Pulse Width High for Global Clock 0.75 0.85 1.00 ns tRCKMPWL Minimum Pulse Width Low for Global Clock 0.85 0.96 1.13 ns tRCKSW Maximum Skew for Global Clock 0.26 0.29 0.34 ns Notes: 1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element, located in a lightly loaded row (single element is connected to the global net). 2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully loaded row (all available flip-flops are connected to the global net in the row). 3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values. Table 2-110 • A3P125 Global Resource Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V Parameter Description –2 –1 Std. Units Min.1 Max.2 Min.1 Max.2 Min.1 Max.2 tRCKL Input Low Delay for Global Clock 0.770.990.871.121.031.32 ns tRCKH Input High Delay for Global Clock 0.761.020.871.161.021.37 ns tRCKMPWH Minimum Pulse Width High for Global Clock 0.75 0.85 1.00 ns tRCKMPWL Minimum Pulse Width Low for Global Clock 0.85 0.96 1.13 ns tRCKSW Maximum Skew for Global Clock 0.26 0.29 0.34 ns Notes: 1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element, located in a lightly loaded row (single element is connected to the global net). 2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully loaded row (all available flip-flops are connected to the global net in the row). 3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values. |