công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2250PCM bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI2250PCM
Giải thích chi tiết về linh kiện  Implementation Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCI2250PCM bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button PCI2250PCM Datasheet HTML 3Page - Texas Instruments PCI2250PCM Datasheet HTML 4Page - Texas Instruments PCI2250PCM Datasheet HTML 5Page - Texas Instruments PCI2250PCM Datasheet HTML 6Page - Texas Instruments PCI2250PCM Datasheet HTML 7Page - Texas Instruments PCI2250PCM Datasheet HTML 8Page - Texas Instruments PCI2250PCM Datasheet HTML 9Page - Texas Instruments PCI2250PCM Datasheet HTML 10Page - Texas Instruments PCI2250PCM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2–1
2 PCI2250 Features
The PCI2250 provides the following features.
•
Complies fully with the PCI Local Bus Specification Revision 2.2
•
Complies fully with the PCI-to-PCI Bridge Specification Revision 1.1
•
Architecture configurable for PCI Bus Power Management Interface Specification
•
Supports two 32-bit, 33-MHz PCI buses
•
3.3-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
•
Provides concurrent primary and secondary bus operation
•
Provides five secondary PCI bus clock outputs
•
Provides internal arbitration for up to four external secondary bus masters with programmable control
•
Provides external arbiter option
•
Supports sustained pass-through bandwidth of 132 MBps
•
Supports PCI clockrun on both buses
•
Supports CompactPCI
 hot-swap
•
Supports bus locking
•
Provides two additional decode windows that can be programmed as either memory or I/O windows
•
Secondary positive, negative, and subtractive decode
•
Independent read and write buffers for each direction
•
Provides VGA/palette, memory, I/O, and subtractive decoding options
•
Packaged in 176-terminal TQFP or 160-terminal PQFP
CompactPCI is a trademark of PCIMG – PCI Industrial Computer Manufacturers Group, Inc.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com