| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCT-FS1 bảng dữ liệu(PDF) 1 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
PCT-FS1 bảng dữ liệu(HTML) 1 Page - OKI electronic componets |
|
1 / 4 page ![]() MRS-1000Modular ReworkSystem CreateYourOwnReworkSystem TheMRS-1000ModularReworkSystemisanintegratedconvectionreworksystemfor theremovalandplacementofBGA/CSPandSMTcomponents. TheMRS-1000iscomprisedofahandheldconvectiontool,preheater,andadjustabletoolholder withboardholdertocreateamanuallyassistedreworksystem.Aseriesofnozzles,targetinga varietyofapplications,andlightmagnifierroundouttheproductofferingforthissystem. Withstandardfeaturessuchasprogrammability,adigitaldisplay,programstorageofupto50 profiles, this system is not only versatile, but also easy and efficient to work with.Achoice of boardholdersandaccessoriesareavailablethatmakethesystemcapableofhandlingmultiple sizes of PCBs. TheMRS-1000allowsyouthechoiceofusingeithertheembeddedprofilingcapabilitythatcan be configured to operate at a fixed temperature, or a four zone programming option. The unit also allows the temperature to be controlled either at the heat output (internal) or at the board (external). The “external” control function uses a thermocouple which can be placed on the board or a component. TAPintoOKInternational TRAININGAdvantage-APPLICATIONAdvantage-PRODUCTIVITYAdvantage www.beasuperproducer.com |
Số phần tương tự - PCT-FS1 |
|
Mô tả tương tự - PCT-FS1 |