| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A1244 bảng dữ liệu(PDF) 7 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A1244 bảng dữ liệu(HTML) 7 Page - Allegro MicroSystems |
|
7 / 12 page ![]() Functional Description BHYS ICC(H) ICC(L) B+ I+ B– 0 The A1244 output, ICC, switches high after the magnetic field at the Hall sensor IC exceeds the operate point threshold, BOP. When the magnetic field is reduced to below the release point threshold, BRP, the device output goes low. This is shown in figure 1. The difference between the magnetic operate and release points is called the hysteresis of the device, BHYS. This built-in hyster- esis allows clean switching of the output even in the presence of external mechanical vibration and electrical noise. Figure 1. Hysteresis for the A1244. On the horizontal axis, the B+ direc- tion indicates increasing south polarity magnetic field strength, and the B– direction indicates decreasing south polarity field strength (including the case of increasing north polarity). Chopper-Stabilized, Two Wire Hall-Effect Latch A1244 7 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com |