công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PVC-105-5 bảng dữ liệu(PDF) 17 Page - Alpha Wire

tên linh kiện PVC-105-5
Giải thích chi tiết về linh kiện  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHAWIRE [Alpha Wire]
Trang chủ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-5 bảng dữ liệu(HTML) 17 Page - Alpha Wire

Back Button PVC-105-5 Datasheet HTML 13Page - Alpha Wire PVC-105-5 Datasheet HTML 14Page - Alpha Wire PVC-105-5 Datasheet HTML 15Page - Alpha Wire PVC-105-5 Datasheet HTML 16Page - Alpha Wire PVC-105-5 Datasheet HTML 17Page - Alpha Wire PVC-105-5 Datasheet HTML 18Page - Alpha Wire PVC-105-5 Datasheet HTML 19Page - Alpha Wire PVC-105-5 Datasheet HTML 20Page - Alpha Wire PVC-105-5 Datasheet HTML 21Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
497
FIT > FIT Wire Management > Flexible PTFE Thin-Wall Tubing
FIT® Wire Management
Flexible PTFE Thin-Wall Tubing
TFT-200
ASTM D 3295-81a Type I
Class B
AMS 3655
• Flexible wire protection for
harnesses and ground straps
• Resistance to heat, oil,
and abrasion
Operating Temperature
• -75°C to +260°C
Color
• Natural
Material
• PTFE
Physical Properties
• Tensile strength: 2000 psi
(13.7 N/mm2)
• Elongation: 200% min.
• Specific gravity: 2.18
• Flammability rating: UL 94V-0
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Water absorption: 0.01%
• Lead free
Electrical Properties
• Dielectric strength: 1400 V/mil
(55 kV/cm)
• Volume resistivity: 1018 ohm-cm
• Dielectric constant: 2.1
Availability
See table
Spools may contain multiple
lengths
TFT-200-7 and larger supplied
as coils
Part No.
Inside Diameter, Min.
Inside Diameter, Max.
Wall Thickness, Min.
Standard Put-Ups
Inch
mm
Inch
mm
Inch
mm
Ft
m
TFT-200-30
0.010
0.25
0.015
0.38
0.009
0.23
100, 500, 1000
30.5, 152, 305
TFT-200-28
0.013
0.33
0.018
0.46
0.009
0.23
100, 500, 1000
30.5, 152, 305
TFT-200-26
0.016
0.41
0.021
0.53
0.009
0.23
100, 500, 1000
30.5, 152, 305
TFT-200-24
0.020
0.51
0.026
0.66
0.010
0.25
100, 500, 1000
30.5, 152, 305
TFT-200-22
0.026
0.66
0.032
0.81
0.010
0.25
100, 500, 1000
30.5, 152, 305
TFT-200-20
0.032
0.81
0.04
1.02
0.012
0.30
100, 500, 1000
30.5, 152, 305
TFT-200-19
0.036
0.91
0.042
1.07
0.012
0.30
100, 1000
30.5, 305
TFT-200-18
0.040
1.02
0.046
1.17
0.012
0.30
100, 500, 1000
30.5, 152, 305
TFT-200-17
0.045
1.14
0.052
1.32
0.012
0.30
100, 500, 1000
30.5, 152, 305
TFT-200-16
0.051
1.30
0.058
1.47
0.012
0.30
100, 1000
30.5, 305
TFT-200-15
0.057
1.45
0.065
1.65
0.012
0.30
100, 1000
30.5, 305
TFT-200-14
0.064
1.63
0.072
1.83
0.012
0.30
100, 500
30.5, 152
TFT-200-13
0.072
1.83
0.081
2.06
0.012
0.30
100, 500
30.5, 152
TFT-200-12
0.081
2.06
0.091
2.31
0.012
0.30
100, 500
30.5, 152
TFT-200-11
0.091
2.31
0.101
2.57
0.012
0.30
100, 500
30.5, 152
TFT-200-10
0.102
2.59
0.112
2.84
0.012
0.30
100, 500
30.5, 152
TFT-200-9
0.114
2.90
0.124
3.15
0.012
0.30
100, 500
30.5, 152
TFT-200-8
0.129
3.28
0.139
3.53
0.015
0.38
100
30.5
TFT-200-7
0.144
3.66
0.155
3.94
0.015
0.38
100
30.5
TFT-200-6
0.162
4.11
0.174
4.42
0.015
0.38
100*
30.5*
TFT-200-5
0.182
4.62
0.195
4.95
0.015
0.38
100*
30.5*
TFT-200-4
0.204
5.18
0.218
5.54
0.015
0.38
100*
30.5*
TFT-200-3
0.229
5.82
0.244
6.20
0.015
0.38
100*
30.5*
TFT-200-2
0.258
6.55
0.273
6.93
0.015
0.38
100*
30.5*
TFT-200-1
0.289
7.34
0.305
7.75
0.015
0.38
100*
30.5*
TFT-200-0
0.325
8.26
0.342
8.69
0.015
0.38
100*
30.5*
*Supplied as coils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com