công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PVC-105-13 bảng dữ liệu(PDF) 34 Page - Alpha Wire

tên linh kiện PVC-105-13
Giải thích chi tiết về linh kiện  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHAWIRE [Alpha Wire]
Trang chủ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-13 bảng dữ liệu(HTML) 34 Page - Alpha Wire

Back Button PVC-105-13 Datasheet HTML 30Page - Alpha Wire PVC-105-13 Datasheet HTML 31Page - Alpha Wire PVC-105-13 Datasheet HTML 32Page - Alpha Wire PVC-105-13 Datasheet HTML 33Page - Alpha Wire PVC-105-13 Datasheet HTML 34Page - Alpha Wire PVC-105-13 Datasheet HTML 35Page - Alpha Wire PVC-105-13 Datasheet HTML 36Page - Alpha Wire PVC-105-13 Datasheet HTML 37Page - Alpha Wire PVC-105-13 Datasheet HTML 38Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
514
FIT > FIT Wire Management > Abrasion-Resistant Nylon Sleeving
FIT® Wire Management
Abrasion-Resistant Nylon Sleeving
XS300
Professional-grade protection
with smooth inner wall to prevent
internal abrasion damage
• Excellent abrasion resistance
• Tightly woven, nonexpandable
• Cuts cleaning with scissors
• Deflects high-pressure hose
ruptures
• Resists fuels, chemicals, UV, rot,
and vermin
• ISO 6945 certified
• MSHA approved “Accepted
flame-resistant solid products
taken into mines”
Operating Temperature
• -45°C to +120°C
• 210°C melt temperature
Color
• Black
Materials
• 45-mil-thick nylon
• Cuts with scissors
Physical Properties
• Specific gravity: 1.14
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 2.70% max
• Halogen free
• Lead free
Availability
25 ft (7.6 m)
100 ft (304 m) for 0.71 through
1.59 sizes only
Part No.
Size
Wall Thickness (Min)
Inch
mm
Inch
Mm
XS300071
0.71
18.03
0.045
1.14
XS300083
0.83
21.08
0.045
1.14
XS300092
0.92
23.37
0.045
1.14
XS300100
1.00
25.40
0.045
1.14
XS300113
1.13
28.70
0.045
1.14
XS300125
1.25
31.75
0.045
1.14
XS300134
1.34
34.04
0.045
1.14
XS300159
1.59
40.39
0.045
1.14
XS300175
1.75
44.45
0.045
1.14
XS300207
2.07
52.58
0.045
1.14
XS300238
2.38
60.45
0.045
1.14
XS300254
2.54
64.52
0.045
1.14
XS300286
2.86
72.64
0.045
1.14
XS300334
3.34
84.84
0.045
1.14
XS300366
3.66
92.96
0.045
1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com