| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2S2 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
S2S2 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 12 page ![]() ©2004 Littelfuse, Inc. E5 - 1 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 * Selected Packag es U.L. RECOGN IZED File #E71639 Sensitive SCRs (0.8 A to 10 A) E5 General Description The Teccor line of sensitive SCR semiconductors are half-wave unidirectional, gate-controlled rectifiers (SCR-thyristor) which complement Teccor's line of power SCRs. This group of packages offers ratings of 0.8 A to 10 A, and 200 V to 600 V with gate sensitivities of 12 µA to 500 µA. For gate currents in the 10 mA to 50 mA ranges, see “SCRs” section of this catalog. The TO-220 and TO-92 are electrically isolated where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. Teccor's line of SCRs features glass-passivated junctions to ensure long-term device reliability and parameter stability. Teccor's glass offers a rugged, reliable barrier against junction contamination. Tape-and-reel packaging is available for the TO-92 package. Consult the factory for more information. Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information. R oHS Features •RoHS Compliant • Electrically-isolated TO-220 package • High voltage capability — up to 600 V • High surge capability — up to 100 A • Glass-passivated chip Compak Features • Surface mount package — 0.8 A series • New small-profile three-leaded Compak package • Four gate sensitivities available • Packaged in embossed carrier tape with 2,500 devices per reel • Can replace SOT-223 E5 TO-202 TO-92 3-lead Compak *TO-220 Isolated TO-252 D-Pak TO-251 V-Pak AK G |
Số phần tương tự - S2S2 |
|
Mô tả tương tự - S2S2 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |