công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SBC-2 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện SBC-2
Giải thích chi tiết về linh kiện  Type SBC (Square Ceramic) Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

SBC-2 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  SBC-2 Datasheet HTML 1Page - Tyco Electronics SBC-2 Datasheet HTML 2Page - Tyco Electronics SBC-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Power
Ohmic Values
Dimensions
Max
Min
Max
A
B
L
SBCLF-4
4 W
2R2
2K2
10
9
25
SBCLF-5
5.5 W
2R2
5K6
10
9
38
SBCLF-7
7 W
3R3
8K2
10
9
50
SBCLF-10
10 W
4R7
12K
10
9
75
Solder for fuse is SnPb 60:40
Type SBC - (No Flutes in Ceramic)
Model
Power
Ohmic Values
Dimensions
Weight
Max
Min
Max
A
B
L
Grams
SBC-2
4 W
R20
6K8
6.4
6.4
20
2.3
SBC-4
5 W
R30
10K
6.4
6.4
25
2.9
SBC-6
7 W
R47
22K
6.4
6.4
38
4.2
SBC-8
9 W
1R0
8K2
9
9
38
7.4
SBC-11
11 W
1R0
22K
9
9
50
10.8
SBC-15
17 W
1R0
22K
9
9
75
15.3
Model
Power Ohmic Values
Dimensions
Weight
Max
Min
Max
A
B
L
Grams
SBCH-4
4 W
R20
6K8
7
8
20
2.2
SBCH-5
5 W
R30
10K
7
8
25
3.5
SBCH-6
7 W
R47
22K
7
8
38
5.0
SBCH-7
7 W
R33
10K
9
10
25
6.0
SBCH-8
9 W
1R0
8K2
9
10
38
8.0
SBCH-11 11 W
1R0
22K
9
10
50
10.0
SBCH-15 17 W
1R0
22K
9
10
75
15.0
L = Length of Ceramic Section
Type SBCH - (Flutes in Ceramic)
Type SBCLF - (Externally Fused Style)
SBCH - 4, 5, 6
SBCH - 7, 8, 11, 15
Type SBC - SBCH (Axial Power Resistor)
We offer three ceramic profiles for the main wattage sizes.
These are for additional heat dissipation and vertical mounting of resistors.
The suffix for each style is as follows:-
SBC Standard
SBCH 4/5/6/7
SBCH 8/11/15
Type SBCHE (For Vertical Mounting)
We offer SBCHE Styles with one lengthened lead for vertical mounting. See additional hardware on last page.
One Lead Length 20mm longer than case length. Supplied with one longer lead wrapped back in flute in ceramic.
High Power Resistor
Type SBC (Square Ceramic) Series
1773278 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com