| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TIP120 bảng dữ liệu(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
TIP120 bảng dữ liệu(HTML) 3 Page - Continental Device India Limited |
|
3 / 4 page ![]() TIP120 TIP125 TIP121 TIP126 TIP122 TIP127 NPN PNP TO-220 Plastic Package TO-220 Plastic Package TO-220 Tube Packing TO-220 /FP 200 pcs/polybag 50 pcs/tube 396 gm/200 pcs 120 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1.0K 1.0K 17" x 15" x 13.5" 19" x 19" x 19" 16.0K 10.0K 36 kgs 29 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector 3 2 1 4 All diminsions in mm. DIM MIN MAX N O B C D — E F G H J K L M A 14.42 16.51 9.63 10.67 3.56 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 — 0.56 12.70 14.73 2.80 4.07 2.03 2.92 — 31.24 7 DEG B F C E 1 2 3 D G M J 6.87 13.74 End Pin Tube Thickness DEVICE NAME Label 536.00 ±1.5 50 Pcs./Tube Sr. QTY. A ll Dimensions in mm AMMO PACK SIZE 20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack Label 538 .00 75.0 Continental Device India Limited Data Sheet Page 3 of 4 |