công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W005M bảng dữ liệu(PDF) 2 Page - Continental Device India Limited

tên linh kiện W005M
Giải thích chi tiết về linh kiện  GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CDIL [Continental Device India Limited]
Trang chủ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

W005M bảng dữ liệu(HTML) 2 Page - Continental Device India Limited

  W005M Datasheet HTML 1Page - Continental Device India Limited W005M Datasheet HTML 2Page - Continental Device India Limited W005M Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
W005M - W10M
WOM
Leaded Plastic Package
DIM
Min
Max
DIM Min Max
A
8.60 9.10
E
4.60 5.60
B
5.0
5.50
F
4.60 5.60
C
30.50
G
0.70 0.80
D
25.40
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
WOM
Bulk
1,000
Bulk: Lose in Poly bags
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
WOO5M -10M Rev141005E
All Dimensions are in m
m
WOM Leaded Plastic Package
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3