| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT230XQ-R bảng dữ liệu(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FT230XQ-R bảng dữ liệu(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 44 page ![]() Copyright © 2013 Future Technology Devices International Limited 12 FT230X USB TO BASIC UART IC Version 1.2 Document No.: FT_000566 Clearance No.: FTDI# 260 CBUS Signal Option Available On CBUS Pin Description VBUS Sense CBUS0, CBUS1, CBUS2, CBUS3 Input to detect when VBUS is present. Time Stamp CBUS0, CBUS1, CBUS2, CBUS3 Toggle signal which changes state each time a USB SOF is received Keep_Awake# CBUS0, CBUS1, CBUS2, CBUS3 Prevents the device from entering suspend state when unplugged. Table 3.7 CBUS Configuration Control *When in USB suspend mode the outputs clocks are also suspended. |