công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAAM-008970 bảng dữ liệu(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MAAM-008970
Giải thích chi tiết về linh kiện  Satellite Communications Single Ended 2-Way Active Splitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008970 bảng dữ liệu(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008970 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Satellite Communications Single Ended 2-Way Active Splitter
950 - 2150 MHz
Rev. V1
MAAM-008970
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Gain__OUT1 & OUT2
Noise Figure (Typical both Outputs)
Output Return Loss (Typical both Outputs)
Input Return Loss
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
Gain__OUT1 & OUT2 to 3 GHz
Reverse Isolation to 3 GHz
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)
1
2
3
4
5
6
7
8
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.6
1.2
1.8
2.4
3.0
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.6
1.2
1.8
2.4
3.0
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com