| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2N6488 bảng dữ liệu(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
2N6488 bảng dữ liệu(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() Continental Device India Limited Data Sheet Page 2 of 3 Collector current IC max. 15 A Base current IB max. 5.0 A Total power dissipation up to TC = 25°C Ptot max. 75 W Derate above 25°C max. 0.6 W/°C Total power dissipation up to TA = 25°C Ptot max. 1.8 W Derate above 25°C max. 0.014 W/°C Junction temperature Tj max. 150 °C Storage temperature Tstg –65 to +150 °C THERMAL RESISTANCE From junction to ambient Rth j–a 70 °C/W From junction to case Rth j–c 1.67 °C/W CHARACTERISTICS Tamb = 25°C unless otherwise specified 6486 6487 6488 6489 6490 6491 Collector cutoff current IB = 0; VCE = 20 V ICEO max. 1.0 – – mA IB = 0; VCE = 30 V ICEO max. – 1.0 – mA IB = 0; VCE = 40 V ICEO max. – – 1.0 mA VEB(off) = 1.5 V; VCE = 45 V ICEX max.500 – – µA VEB(off) = 1.5 V; VCE = 65 V ICEX max. – 500 – µA VEB(off) = 1.5 V; VCE = 85 V ICEX max. – – 500 µA VEB(off) = 1.5 V; VCE = 40 V; TC=150°C ICEX max. 5.0 – – mA VEB(off) = 1.5 V; VCE = 60 V; TC=150°C ICEX max. – 5.0 – mA VEB(off) = 1.5 V; VCE = 80 V; TC=150°C ICEX max. – – 5.0 mA Emitter cut-off current IC = 0; VEB = 5 V IEBO max. 1.0 mA Breakdown voltages IC = 200 mA; IB = 0 VCEO(sus)* min. 40 60 80 V IC = 1 mA; IE = 0 VCBO min. 50 70 90 V IC = 200 mA; VBE = 1.5 V VCEX(sus)* min. 50 70 90 V IE = 1 mA; IC = 0 VEBO min. 5.0 V Saturation voltages IC = 5 A; IB = 0.5 A VCEsat* max. 1.3 V IC = 15 A; IB = 5 A VCEsat* max. 3.5 V Base-emitter on voltage IC = 5 A; VCE = 4 V VBE(on)* max. 1.3 V IC = 15 A; VCE = 4 V VBE(on)* max. 3.5 V D.C. current gain IC = 5 A; VCE = 4 V hFE* min. 20 max. 150 IC = 15 A; VCE = 4 V hFE* min. 5.0 Transition frequency IC = 1 A; VCE = 4 V; f = 1 MHz fT(1) min. 5.0 MHz Small signal current gain IC = 1.0A; VCE = 4V; f = 1.0 KHz hfe min. 25 * Pulse test: pulse width ≤ 300 µs; duty cycle ≤ 2% (1) fT = |hfe|• ftest 2N6486, 2N6487, 2N6488 2N6489, 2N6490, 2N6491 |