| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P87LPC764FDH bảng dữ liệu(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC764FDH bảng dữ liệu(HTML) 46 Page - NXP Semiconductors |
|
46 / 60 page ![]() Philips Semiconductors Product data P87LPC764 Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP 2003 Sep 03 45 BIT SYMBOL FUNCTION UCFG2.7, 6 SB2, SB1 EPROM security bits. See table entitled, “EPROM Security Bits” for details. UCFG2.5–0 — Reserved for future use. — SU01186 — — — — — SB1 SB2 0 1 2 3 4 5 6 7 UCFG2 Unprogrammed Value: FFh Address: FD01h Figure 37. EPROM System Configuration Byte 2 (UCFG2) Security Bits When neither of the security bits are programmed, the code in the EPROM can be verified. When only security bit 1 is programmed, all further programming of the EPROM is disabled. At that point, only security bit 2 may still be programmed. When both security bits are programmed, EPROM verify is also disabled. Table 11. EPROM Security Bits SB2 SB1 Protection Description 1 1 Both security bits unprogrammed. No program security features enabled. EPROM is programmable and verifiable. 1 0 Only security bit 1 programmed. Further EPROM programming is disabled. Security bit 2 may still be programmed. 0 1 Only security bit 2 programmed. This combination is not supported. 0 0 Both security bits programmed. All EPROM verification and programming are disabled. ABSOLUTE MAXIMUM RATINGS PARAMETER RATING UNIT Operating temperature under bias –55 to +125 °C Storage temperature range –65 to +150 °C Voltage on RST/VPP pin to VSS 0 to +11.0 V Voltage on any other pin to VSS –0.5 to VDD+0.5V V Maximum IOL per I/O pin 20 mA Power dissipation (based on package heat transfer, not device power consumption) 1.5 W NOTES: 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section of this specification are not implied. 2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum. 3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise noted. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |