| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTFD18B bảng dữ liệu(PDF) 24 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD18B bảng dữ liệu(HTML) 24 Page - List of Unclassifed Manufacturers |
|
24 / 33 page ![]() 24 UTG Series Twisted pair cable monocrimp contact cabling #16 coaxial contacts Cable reference Contact type Male contact Female contact Crimp tool Die set Stop bushing Cable strip length Inner conductor crimp Braid crimp A B C g dim t dim g dim t dim #28 7/.0036 per Hitachi spec ec-711 (13-2820) Mono crimp RMDX6031D28 + YORX090 RCDX6031D28 + YORX090 M10S1J S80 SL105 4.7 6.1 4.32 1.30 to 1.12 1.4 to 1.22 2.97 to 2.84 3.07 to 2.9 20218204 S80 SL105 3.94 6.1 3.16 1.30 to 1.17 1.4 to 1.22 2.97 to 2.84 3.07 to 2.79 #30 solid S83 SL105 4.7 6.1 4.06 1.22 to 1.12 1.35 to 1.22 2.97 to 2.84 3.12 to 2.95 #26 7/.0063 S80 SL105 4.7 6.1 4.06 1.30 to 1.17 1.4 to 1.22 2.97 to 2.84 3.07 to 2.9 #26 19/.004 M10SG8 ASSY'Y TOOL DIE SET STOP BUSHING M10S1J TOOL 4.7 6.1 4.06 1.22 to 1.17 1.35 to 1.22 2.84 to 2.79 3.12 to 2.97 #24 7/.008 4.7 6.1 4.06 1.22 to 1.17 1.35 to 1.22 2.84 to 2.79 3.12 to 2.97 #24 19/.005 4.7 6.1 4.06 1.22 to 1.17 1.35 to 1.22 2.84 to 2.79 3.12 to 2.97 AWG26 (19x0.1) M10SG8 crimping kit 4.7 6 4 AWG24 (7x0.2) AWG24 (19x0.13) AWG26 (7x0.16) S80 SL150 G G Braid crimp (G) to be measured with die set fully closed Inner conductor crimp (G) to be measured with die set fully closed RCDX60 Female coax contact RMDX60 Male coax contact See cable strip lengths Cable strip length A B C 16 min. • Select appropriate monocrimp coax twisted pair contact and cable combination. • Select appropriate crimp tooling (hand tool, S-die set, stop bushing). • Strip the twisted pair cable to the designated wire strip lengths. • Insert the stripped cable into the contact. One cable is to be inserted into the inside diameter of hyring, and pushed forwaerd into the inner contact. The second cable is to be inserted between the outside diameter of hyring and the inside diameter of the outer contact body. • Crimp the contact. Note : all dimensions are in mm |