| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTFD16B bảng dữ liệu(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD16B bảng dữ liệu(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 33 page ![]() 27 UTG Series Coax cable with monocrimp contact cabling RCDX60 Female coax contact RMDX60 Male coax contact See cable strip lengths Cable strip length A B C • Select appropriate cable and contact combination. • Select appropriate crimp tooling (hand tool, S-die set, stop bushing). • Strip coax cable to the designated wire strip lengths. • Insert the stripped coax into the rear of the contact. • Crimp the contact. Cable reference Male contact Female contact Crimp tool Die set Stop bushing Cable strip length Inner conductor crimp Braid crimp A B C g dim t dim g dim t dim CDC PIN22939200 RMDX6046D28 RCDX6016D28 M10S1J S80 SL105 4.19 5.97 8.51 1.30/1.17 1.40/1.22 2.77/2.64 3.02/2.84 CDC PIN22939200 RMDX6046D28 RCDX6016D28 S87 SL105 5.08 6.35 8.89 1.30/1.17 1.40/1.22 2.77/2.64 3.02/2.84 CDC PIN245670000 RMDX6050D28 RCDX6016D28 S80 SL105 5.08 6.35 8.89 1.30/1.17 1.40/1.22 2.97/2.84 3.12/2.95 KX21TVT (europe) RG178 B/U RMDX6034D28 RCDX6034D28 S82 SL105 5.08 6.35 8.89 1.30/1.17 1.32/1.17 2.84/2.74 3.07/2.9 RG178 / BU RMDX6050D28 RCDX6016D28 S87 SL105 5.08 6.35 8.89 1.30/1.17 1.40/1.22 2.77/2.64 3.02/2.84 ampex RMDX6032D28 RCDX6032D28 S80 SL105 5.08 6.35 11.68 1.30/1.17 1.40/1.22 2.97/2.84 3.12/2.95 TI PN 920580 RMDX6024D28 RCDX6024D28 S82 SL105 5.08 6.35 8.89 1.35/1.19 1.42/1.27 2.87/2.74 3.07/2.9 RG174/U RMDX6032D28 RCDX6032D28 S80 SL105 5.08 6.35 11.68 1.30/1.17 1.40/1.22 2.97/2.84 3.12/2.95 Honeywell PN 58000062 RMDX6026D28 RCDX6026D28 S82 SL105 5.08 6.35 8.89 1.35/1.19 1.42/1.27 2.87/2.74 3.07/2.9 RG188A/U RMDX6036D28 RCDX6036D28 S80 SL105 5.08 6.35 11.68 1.30/1.17 1.40/1.22 2.97/2.84 3.12/2.95 RG316/U RMDX6036D28 RCDX6036D28 S80 SL105 5.08 6.35 11.68 1.30/1.17 1.40/1.22 2.97/2.84 3.12/2.95 PRD PN 247AS-C1123-001 RMDX6018D28 RCDX6018D28 M10SG8 ASSY'Y TOOL DIE SET STOP BUSHING M10S1J TOOL 5.08 6.35 8.89 1.22/1.17 1.35/1.22 2.92/2.79 3.12/2.97 PRD PN 247AS-C1251 RMDX6018D28 RCDX6018D28 5.08 6.35 8.89 1.22/1.17 1.35/1.22 2.92/2.79 3.12/2.97 raychem 5024A3111 RMDX6052D28 RCDX6052D28 S88 SL105 5.08 6.35 11.68 1.37/1.27 1.45/1.32 2.92/2.79 raychem 5026e1614 RMDX6036D28 RCDX6036D28 M10SG8 ASSY'Y TOOL DIE SET STOP BUSHING M10S1J TOOL 5.08 6.35 8.89 1.22/1.17 1.35/1.22 2.92/2.79 3.12/2.97 JUDD C15013010902 RMDX6036D28 RCDX6036D28 5.08 6.35 8.89 1.22/1.17 1.35/1.22 2.92/2.79 3.12/2.97 inner cond. #30, braid diam 2.64 RMDX6050D28 - S80 SL105 5.1 6.35 8.9 - - - - inner cond. #30, braid diam 2.29 RMDX6050D28 - S87 SL105 4.2 6.35 8.5 - - - - inner cond. #28, braid diam 2.9 RMDX6032D28 RCDX6032D28 S80 SL105 5.1 6.35 11.7 - - - - inner cond. #26, braid diam 1.78 RMDX6024D28 RCDX6024D28 S82 SL105 5.1 6.35 8.9 - - - - inner cond. #26, braid diam 3.05 RMDX6026D28 RCDX6026D28 S82 SL105 5.1 6.35 8.9 - - - - Note : all dimensions are in mm |