công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTFD13B bảng dữ liệu(PDF) 24 Page - List of Unclassifed Manufacturers

tên linh kiện UTFD13B
Giải thích chi tiết về linh kiện  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD13B bảng dữ liệu(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button UTFD13B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 21Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 22Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 23Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 24Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 25Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 26Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 27Page - List of Unclassifed Manufacturers UTFD13B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
UTG Series
Twisted pair cable monocrimp contact cabling
#16 coaxial contacts
Cable reference
Contact
type
Male
contact
Female
contact
Crimp
tool
Die
set
Stop
bushing
Cable strip
length
Inner conductor
crimp
Braid crimp
A
B
C
g dim
t dim
g dim
t dim
#28 7/.0036 per Hitachi
spec ec-711 (13-2820)
Mono
crimp
RMDX6031D28
+ YORX090
RCDX6031D28
+ YORX090
M10S1J
S80
SL105
4.7
6.1
4.32
1.30 to
1.12
1.4 to 1.22
2.97 to
2.84
3.07 to 2.9
20218204
S80
SL105
3.94
6.1
3.16
1.30 to
1.17
1.4 to 1.22
2.97 to
2.84
3.07 to
2.79
#30 solid
S83
SL105
4.7
6.1
4.06
1.22 to
1.12
1.35 to
1.22
2.97 to
2.84
3.12 to
2.95
#26 7/.0063
S80
SL105
4.7
6.1
4.06
1.30 to
1.17
1.4 to 1.22
2.97 to
2.84
3.07 to 2.9
#26 19/.004
M10SG8 ASSY'Y
TOOL DIE SET
STOP BUSHING
M10S1J TOOL
4.7
6.1
4.06
1.22 to
1.17
1.35 to
1.22
2.84 to
2.79
3.12 to
2.97
#24 7/.008
4.7
6.1
4.06
1.22 to
1.17
1.35 to
1.22
2.84 to
2.79
3.12 to
2.97
#24 19/.005
4.7
6.1
4.06
1.22 to
1.17
1.35 to
1.22
2.84 to
2.79
3.12 to
2.97
AWG26 (19x0.1)
M10SG8
crimping kit
4.7
6
4
AWG24 (7x0.2)
AWG24 (19x0.13)
AWG26 (7x0.16)
S80
SL150
G
G
Braid crimp (G) to be measured
with die set fully closed
Inner conductor crimp (G) to be
measured with die set fully closed
RCDX60
Female coax contact
RMDX60
Male coax contact
See cable strip lengths
Cable strip length
A
B
C
16 min.
• Select appropriate monocrimp coax twisted pair contact and cable combination.
• Select appropriate crimp tooling (hand tool, S-die set, stop bushing).
• Strip the twisted pair cable to the designated wire strip lengths.
• Insert the stripped cable into the contact. One cable is to be inserted into the
inside diameter of hyring, and pushed forwaerd into the inner contact. The
second cable is to be inserted between the outside diameter of hyring and the
inside diameter of the outer contact body.
• Crimp the contact.
Note : all dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com