công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTG01823P bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers

tên linh kiện UTG01823P
Giải thích chi tiết về linh kiện  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

UTG01823P bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button UTG01823P Datasheet HTML 24Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 25Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 26Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 27Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 28Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 29Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 30Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 31Page - List of Unclassifed Manufacturers UTG01823P Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
UTG Series
Glossary of terms
• Clearance
Per the IEC 60664-1 it is the shortest
distance between two conductive parts
even over the air.
• Creepage distance
Per the IEC 60664-1 it represents the
shortest distance along the surface
of the insulating material between two
conductive parts.
• Working voltage
Per the IEC 60664-1 it is the highest r.m.s. value of A.C. or D.C.
voltage across any particular insulation which can occur when the
equipment is supplied at rated voltage.
• Rated impulse voltage
Impulse withstands voltage value assigned by the manufacturer to
the equipment or to a part of it characterizing the specified withs-
tand capability of its insulation against transient overvoltage.
• Working current
It is the maximum continuous and not interrupted current able
to be carried by all contacts without exceeding the maximum
temperature of the insulating material.
• Transient voltage
Extract from the IEC 60664-1: Short duration overvoltage of
a few millisecond or less, oscillatory or non-oscillatory, usually
highly damped.
• CTI (Comparative Tracking Index)
The CTI value is commonly used to characterize the electrical
breakdown properties of an insulating material. It allows users
to know the tendency to create creepage paths. This value
represents the maximum voltage after 50 drops of ammonium
chloride solution without any breakdown.
• RTI (Relative temperature Index):
Extract from ULs website:
“Maximum service temperature for a material, where a class of
critical property will not be unacceptably compromised through
chemical thermal degradation, over the reasonable life of an
electrical product, relative to a reference material having a
confirmed, acceptable corresponding performance defined RTI.
- RTI Elec: Electrical RTI, associated with critical electrical
insulating properties.
- RTI Mech Imp: Mechanical Impact RTI, associated with
critical impact resistance, resilience and flexibility
properties.
- RTI Mech Str: Mechanical Strength (Mechanical
without
Impact)
RTI,
associated
with
critical
mechanical
strength
where
impact
resistance,
resilience and flexibility are not essential”
Air gap
Creepage distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com