| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT231XS bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FT231XS bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 28 page ![]() FT-X Series Support, Breakout Modules • Breakout modules, such as the USB to I2C, UMFT200XD, provide the simplest method to connect to a USB host, and interface directly into your system via the appropriate IO. – 4 PCB traces slot directly into a USB Module Interface UMFT201XB I2C UMFT200XD I2C UMFT220XB FT1248 UMFT230XB UART – 4 PCB traces slot directly into a USB Host (A Port) – USB protocol engine and interface bridge integrated into FT-X Series silicon devices – Interface connector provided for system integration – Choice of module per interface required |