| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG529ATCHIPS bảng dữ liệu(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG529ATCHIPS bảng dữ liệu(HTML) 11 Page - Analog Devices |
|
11 / 12 page ![]() REV. B ADG528A/ADG529A –11– OUTLINE DIMENSIONS 18-Lead Standard Small Outline Package [SOIC] Wide Body (RW-18) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AB SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 18 10 9 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 11.75 (0.4626) 11.35 (0.4469) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) COPLANARITY 0.10 0.33 (0.0130) 0.20 (0.0079) 0.51 (0.0201) 0.31 (0.0122) 18-Lead Ceramic Dual In-Line Package [CERDIP] (Q-18) Dimensions shown in inches and (millimeters) 18 19 10 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.960 (24.38) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 15 0 CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |