công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACSL bảng dữ liệu(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện ACSL
Giải thích chi tiết về linh kiện  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL bảng dữ liệu(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Electrical Specifications
Over recommended operating range (4.5V ≤ V
DD1 ≤ 5.5V, 4.5V ≤ VDD2 ≤ 5.5V, TA = -40°C to +100°C) unless otherwise specified.
All typical specifications are at T
A = +25°C, VDD1 = VDD2 = +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Threshold Current
I
TH
2.7
7.0
mA
I
OL(Sinking)=13 mA, VO= 0.6V
High Level Output Current
I
OH
3.8
100.0
µA
I
F = 250 µA, VO= 5.5V
Low Level Output Voltage
V
OL
0.36
0.6
V
I
OL(Sinking)=13 mA, IF=7 mA
High Level Supply Current
I
DDH
4.3
7.5
mA
I
F = 0 mA
(per channel)
Low Level Supply Current
I
DDL
5.8
10.5
mA
I
F = 10 mA
(per channel)
Input Forward Voltage
V
F
1.25
1.52
1.8
V
I
F = 10 mA, TA = 25°C
Input Reverse Breakdown Voltage
BV
R
5.0
V
I
R = 10 µA
Input Diode Temperature Coefficient
∆V
F / ∆TA
-1.8
mV/°C
I
F = 10 mA
Input Capacitance
C
IN
80
pF
f = 1 MHz, V
F = 0V
Switching Specifications
Over recommended operating range (4.5V ≤ V
DD1 ≤ 5.5V, 4.5V ≤ VDD2 ≤ 5.5V, IF = 8.0 mA, TA = -40°C to +100°C) unless otherwise
specified. All typical specifications are at T
A=+25°C, VDD1 = VDD2 = +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Maximum Data Rate
10
15
MBd
R
L = 350Ω, CL =15 pF
Pulse Width
t
PW
100
ns
R
L = 350Ω, CL =15 pF
Propagation Delay Time
t
PLH
46
100
ns
R
L = 350Ω, CL =15 pF
to Logic High Output Level[5]
Propagation Delay Time
t
PHL
43
100
ns
R
L = 350Ω, CL =15 pF
to Logic Low Output Level[6]
Pulse Width Distortion |t
PHL – tPLH|
|PWD|
5
35
ns
R
L = 350Ω, CL =15 pF
Propagation Delay Skew[7]
t
PSK
40
ns
R
L = 350Ω, CL =15 pF
Output Rise Time (10 – 90%)
t
R
30
ns
R
L = 350Ω, CL =15 pF
Output Fall Time (10 – 90%)
t
F
12
ns
R
L = 350Ω, CL =15 pF
Logic High Common Mode
|CM
H|
10
kV/µs
V
cm= 1000V, IF=0 mA,
Transient Immunity [8]
V
O = 2.0V, RL=350Ω,
T
A = 25°C
Logic Low Common Mode
|CM
L|
10
kV/µs
V
cm= 1000V, IF= 8 mA,
Transient Immunity [8]
V
O = 0.8V, RL= 350Ω,
T
A = 25°C
Notes:
5. t
PLH is measured from the 4.0 mA level on the falling edge of the input pulse to the 1.5V level on the rising edge of the output pulse.
6. t
PHL is measured from the 4.0 mA level on the rising edge of the input pulse to the 1.5V level on the falling edge of the output pulse.
7. t
PSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature and specified test condi-
tions.
8. CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 2.0V. CML is the maximum common mode
voltage slew rate that can be sustained while maintaining V
O < 0.8V. The common mode voltage slew rates apply to both rising and falling
common mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com