công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM73201 bảng dữ liệu(PDF) 7 Page - ELAN Microelectronics Corp

tên linh kiện EM73201
Giải thích chi tiết về linh kiện  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 bảng dữ liệu(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
PC 0 aaaaaaaaaaa
RET
Object code: 01 00 1 1 1 1
Condition: PC ← STACK[SP]; SP + 1
PC
The return address stored in stack
RT I
Object code: 0100 1101
Condition : FLAG. PC ← STACK[SP]; EI ← 1; SP + 1
PC
The return address stored in stack
(3) Interrupt acceptance operation:
When an interrupt is accepted, the original PC is pushed into stack and interrupt vector will be loaded into
PC,The interrupt vectors are as following:
INT0 (External interrupt from P8.2)
PC 000000000010
TRGA (Timer A overflow interrupt)
PC 000000000110
TBI (Time base interrupt)
PC 000000001010
INT1 (External interrupt from P8.0)
PC 000000001100
(4) Reset operation:
PC 000000000000
(5) Other operations:
For 1-byte instruction execution: PC + 1
For 2-byte instruction execution: PC + 2
ACCUMULATOR
Accumulator is a 4-bit data register for temporary data . For the arithematic, logic and comparative opertion
.., ACC plays a role which holds the source data and result .
FLAGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30