| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZICM357SP0-1C-R bảng dữ liệu(PDF) 15 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
ZICM357SP0-1C-R bảng dữ liệu(HTML) 15 Page - California Eastern Labs |
|
15 / 18 page ![]() EM357 Mini Modules Page 15 This document is subject to change without notice Document No: 0011-00-07-00-000 (Issue H) Software Compliance The MeshConnect Mini Modules require software restrictions to meet agency certification requirements. These restrictions have been implemented in the sample application included with the Software Development Kit. If a customer is not starting with the CEL Software Development Kit, they must implement the following output power restrictions to use the FCC, IC or CE Certifications: Certification RF Channel Valid TX Power Steps Typical Max Output Power ZICM357SP0-1 FCC/IC 11 - 25 -43 to 8 8dBm 26 -43 to 0 1dBm ETSI 11 - 26 -43 to 8 8dBm ZICM357SP2-1 FCC/IC 11 - 24 -43 to -2 20dBm 25 -43 to -6 17dBm 26 -43 to -26 -3dBm ZICM357SP2-1C FCC/IC 11 - 24 -43 to -2 20dBm 25 -43 to -12 9dBm 26 -43 to -38 -5dBm Note: The ZICM357SP2, Power Mode 2 with Power Setting -2 is the maximum setting allowed for FCC Compliance. Operating in Power Mode 3 at higher power settings may damage the PA. |