| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3SICS10 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3SICS10 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 9 page ![]() 129430 © NXP B.V. 2006. All rights reserved. Product short data sheet Rev. 3.0 — 20 September 2006 5 of 9 NXP Semiconductors SL3 ICS 10 UCODE EPC G2 5. Block diagram The SL3 ICS 10 IC consists of three major blocks: Analog RF Interface Digital Controller EEPROM The analog part provides stable supply voltage and demodulates data received from the reader for being processed by the digital part. Further, the modulation transistor of the analog part transmits data back to the reader. The digital section includes the state machines, processes the protocol and handles communication with the EEPROM, which contains the EPC and the user data. Fig 1. Block diagram of TAG IC 32 Bit Analogue RF Interface Digital Control EEPROM Sequencer Charge Pump VDD Data In Data Out R/W Anticollision Read/Write Control Access Control EEPROM Interface Control RF Interface Control PAD VREG V RECT DEMOD MOD PAD |