| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS1AF-6V-F bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
JS1AF-6V-F bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 4 page ![]() Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ JS ASCTB186E 201202-T TYPES Standard packing Carton: 100 pcs. Case: 500 pcs. Notes: 1. Class B and F coil insulation types available. Ex) JS1aF-B-12V-F, JS1aF-F-12V-F 2. EN60335-1 GWT compliant types available. When ordering, please add suffix “T”. Ex) JS1aF-B-12V-FT 3. Surge voltage 6kV types available. When ordering, please add suffix “6K” (except for Long endurance type and EN60335-1 GWT compliant type). Ex) JS1aF-B-12V-F-6K RATING 1. Coil data Note: * When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1 °C 33.8°F with 20 °C 68°F as a reference) and use a coil impressed voltage that is within the maximum applied voltage range. Contact arrangement Nominal coil voltage Sealed type Flux-resistant type Part No. Part No. 1 Form A (Standard) 5V DC JS1a-5V-F JS1aF-5V-F 6V DC JS1a-6V-F JS1aF-6V-F 9V DC JS1a-9V-F JS1aF-9V-F 12V DC JS1a-12V-F JS1aF-12V-F 18V DC JS1a-18V-F JS1aF-18V-F 24V DC JS1a-24V-F JS1aF-24V-F 48V DC JS1a-48V-F JS1aF-48V-F 1 Form A Long endurance type 5V DC – JS1aPF-B-5V-F 6V DC – JS1aPF-B-6V-F 9V DC – JS1aPF-B-9V-F 12V DC – JS1aPF-B-12V-F 18V DC – JS1aPF-B-18V-F 24V DC – JS1aPF-B-24V-F 48V DC – JS1aPF-B-48V-F 1 Form C (Standard) 5V DC JS1-5V-F JS1F-5V-F 6V DC JS1-6V-F JS1F-6V-F 9V DC JS1-9V-F JS1F-9V-F 12V DC JS1-12V-F JS1F-12V-F 18V DC JS1-18V-F JS1F-18V-F 24V DC JS1-24V-F JS1F-24V-F 48V DC JS1-48V-F JS1F-48V-F Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal operating current [ ±10%] (at 20°C 68°F) Coil resistance [ ±10%] (at 20°C 68°F) Nominal operating power (at 20 °C 68°F) Max. applied voltage (at 70 °C 158°F) 5V DC 70%V or less of nominal voltage (Initial) 10%V or more of nominal voltage (Initial) 72 mA 69.4 Ω 360mW 130%V of nominal voltage [When using relays at 85 °C 185°F, see Note*] 6V DC 60 mA 100 Ω 9V DC 40 mA 225 Ω 12V DC 30 mA 400 Ω 18V DC 20 mA 900 Ω 24V DC 15 mA 1,600 Ω 48V DC 7.5mA 6,400 Ω |