| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL34 bảng dữ liệu(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SL34 bảng dữ liệu(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
1 / 3 page ![]() SL32~SL36 Surface Mount Low VF Schottky Rectifiers Features ● Low profile package ● Ideal for automated placement ● Ultrafast reverse recovery time ● Low power losses, high efficiency ● Low forward voltage drop ● High surge capability ● High temperature soldering: 260℃/10 seconds at terminals ● Component in accordance to RoHS 2002/95/1 and WEEE 2002/96/EC Mechanical Date Major Ratings and Characteristics ● Case: JEDEC DO-214AC molded plastic body over glass passivated chip ● Terminals: Solder plated, solderable per J-STD-002B and JESD22-B102D IF(AV) 3.0A VRRM 20 V to 60 V IFSM 100A VF 0.40V, 0.65V ● Polarity: Laser band denotes cathode end Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted) Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas. Electrical Characteristics (TA = 25 °C unless otherwise noted) Note 2: Pulse test:300μs pulse width,1% duty cycle. Tj max. 125 °C Items Symbol SL32 SL33 SL34 SL36 UNIT Maximum repetitive peak reverse voltage VRRM 20 30 40 60 V Maximum RMS voltage VRMS 14 21 28 42 V Maximum DC blocking voltage VDC 20 30 40 60 V A Maximum average forward rectified current IF(AV) 3 A V/µs Peak forward surge current 8.3 ms single half sine- wave superimposed on rated load IFSM 100 Voltage rate of change (rated VR) dv/dt 10000 ℃ /W ℃ Thermal resistance from junction to lead (1) RθJL 35 Operating junction and storage temperature range TJ,TSTG –65 to +125 Items Test conditions Symbol SL32~34 Instantaneous forward voltage IF=3.0A (2) VF 0.40 mA UNIT V SL36 0.65 VR=VDC TA=25℃ IR 1.0 Reverse current TA=100℃ 20 http://www.trr-jx.com |
Số phần tương tự - SL34 |
|
Mô tả tương tự - SL34 |