công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS38 bảng dữ liệu(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

tên linh kiện SS38
Giải thích chi tiết về linh kiện  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Trang chủ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS38 bảng dữ liệu(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS38 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS38 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS38 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS315~320
SS38~310
SS35~36
SS33~34
Items
SS32
UNIT
SS36
SS38 SS310 SS315 SS320
UNIT
Items
Symbol SS32 SS33
SS34
SS35
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AB molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
125 °C
IF(AV)
3.0A
VRRM
20 V to 200 V
IFSM
100A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.55 × 0.55'' ( 14 × 14 mm ) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Tj=25℃
IR
Tj=100℃
5.0
Test conditions
Symbol
IF=3.0A
(2)
VF
VR=VDC
0.85
0.95
V
Reverse current
0.5
mA
Instantaneous forward
voltage
0.50
0.55
0.70
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
℃
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
Thermal resistance from
junction to lead
(1)
RθJL
20
℃
/W
Maximum average forward
rectified current
IF(AV)
3A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
100
A
60
80
100
150
200
V
Maximum DC blocking voltage
VDC
20
30
40
50
42
56
70
105
140
V
Maximum RMS voltage
VRMS
14
21
28
35
60
80
100
150
200
V
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
j
http://www.trr-jx.com
SS32~SS320
Surface Mount Schottky Rectifiers


Số phần tương tự - SS38

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
SS38 FAIRCHILD-SS38 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
Continental Device Indi...
SS38 CDIL-SS38 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS38 FAIRCHILD-SS38 Datasheet
53Kb / 3P
Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS38 DAESAN-SS38 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS38 BILIN-SS38 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS38

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com