| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EL2170CS bảng dữ liệu(PDF) 2 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2170CS bảng dữ liệu(HTML) 2 Page - Elantec Semiconductor |
|
2 / 16 page ![]() EL2170CEL2270CEL2470C 70 MHz1 mA Current Mode Feedback Amplifiers Absolute Maximum Ratings (T A e 25 C) Voltage between VSa and VSb a 126V Common-Mode Input Voltage VSb to VSa Differential Input Voltage g 6V Current into aIN or bIN g 75 mA Internal Power Dissipation See Curves Operating Ambient Temperature Range b 40 Cto a85 C Operating Junction Temperature Plastic Packages 150 C Output Current (EL2170C) g 120 mA Output Current (EL2270C) g 60 mA Output Current (EL2470C) g 60 mA Storage Temperature Range b 65 Cto a150 C Important Note All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA Test Level Test Procedure I 100% production tested and QA sample tested per QA test plan QCX0002 II 100% production tested at TA e 25 C and QA sample tested at TA e 25 C TMAX and TMIN per QA test plan QCX0002 III QA sample tested per QA test plan QCX0002 IV Parameter is guaranteed (but not tested) by Design and Characterization Data V Parameter is typical value at TA e 25 C for information purposes only DC Electrical Characteristics V S e g 5V RL e 150X TA e 25 C unless otherwise specified Parameter Description Conditions Min Typ Max Test Units Level VOS Input Offset Voltage 25 15 I mV TCVOS Average Input Offset Measured from TMIN to TMAX 5V mV C Voltage Drift dVOS VOS Matching EL2270C EL2470C only 05 V mV a IIN a Input Current 05 5 I mA daIIN a IIN Matching EL2270C EL2470C only 20 V nA b IIN b Input Current 4 15 I mA dbIIN b IIN Matching EL2270C EL2470C only 15 V mA CMRR Common Mode Rejection VCM e g35V 45 50 I dB Ratio b ICMR b Input Current Common VCM e g35V 4 10 I mAV Mode Rejection PSRR Power Supply Rejection VS is moved from g4V to g6V 60 70 I dB Ratio b IPSR b Input Current Power VS is moved from g4V to g6V 05 5 I mAV Supply Rejection ROL Transimpedance VOUT e g25V 150 400 I k X a RIN a Input Resistance VCM e g35V 1 4 I M X a CIN a Input Capacitance 12 V pF CMIR Common Mode Input Range g 35 g 40 I V 2 |