| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NP83P04PDG bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NP83P04PDG bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 6 page ![]() Automotive Microcontrollers 78K0R/FG3 R8C/3x R8C/32G R5F21324G 16 K 1.5 K 4 K R8C – 16 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 4 x 10-bit/- 2.7...5.5 20 PLSP0020JB-A 85, 125 DTC, MCT, CMP R5F21326G 32 K 2.5 K R8C/32H R5F21324H 16 K 1.5 K – R8C – 16 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 4 x 10-bit/- 2.7...5.5 20 PLSP0020JB-A 85, 125 DTC, MCT, CMP R5F21326H 32 K 2.5 K R8C/33G R5F21334G 16 K 1.5 K 4 K R8C – 28 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/ 2 x 8-bit 2.7...5.5 32 PLQP0032GB-A 85, 125 DTC, MCT, CMP R5F21336G 32 K 2.5 K R8C/33H R5F21334H 16 K 1.5 K – R8C – 28 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/ 2 x 8-bit 2.7...5.5 32 PLQP0032GB-A 85, 125 DTC, MCT, CMP R5F21336H 32 K 2.5 K R8C/34P R5F21344P 16 K 1.5 K 4 K R8C – 44 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/ 2 x 8-bit 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT, CMP R5F21346P 32 K 2.5 K R8C/34R R5F21344R 16 K 1.5 K – R8C – 44 3/2(1) – 1 – IEBus 2/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/ 2 x 8-bit 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT, CMP R5F21346R 32 K 2.5 K R8C/34W R5F21346W 32 K 2.5 K 4 K R8C – 44 3/2(1) 1 1 – IEBus 3/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/- 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT R5F21347W 48 K 4 K R5F21348W 64 K 6 K R5F2134AW 96 K 8 K R5F2134CW 128 K 10 K R8C/34X R5F21346X 32 K 2.5 K – R8C – 44 3/2(1) 1 1 – IEBus 3/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/- 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT R5F21347X 48 K 4 K R5F21348X 64 K 6 K R5F2134AX 96 K 8 K R5F2134CX 128 K 10 K R8C/34Y R5F21346Y 32 K 2.5 K 4 K R8C – 44 3/2(1) – 1 – IEBus 3/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/- 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT R5F21347Y 48 K 4 K R5F21348Y 64 K 6 K R5F2134AY 96 K 8 K R5F2134CY 128 K 10 K R8C/34Z R5F21346Z 32 K 2.5 K – R8C – 44 3/2(1) – 1 – IEBus 3/3/– 10 20 128 kHz & 40 MHz – 12 x 10-bit/- 2.7...5.5 48 PLQP0048KB-A 85, 125 DTC, MCT R5F21347Z 48 K 4 K R5F21348Z 64 K 6 K R5F2134AZ 96 K 8 K R5F2134CZ 128 K 10 K R8C/36W R5F21368W 64 K 6 K 4 K R8C – 60 4/3(2) 1 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 16 x 10-bit/- 2.7...5.5 64 PLQP0064KB-A 85, 125 DTC, MCT R5F2136AW 96 K 8 K R5F2136CW 128 K 10 K R8C/36X R5F21368X 64 K 6 K – R8C – 60 4/3(2) 1 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 16 x 10-bit/- 2.7...5.5 64 PLQP0064KB-A 85, 125 DTC, MCT R5F2136AX 96 K 8 K R5F2136CX 128 K 10 K R8C/36Y R5F21368Y 64 K 6 K 4 K R8C – 60 4/3(2) – 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 16 x 10-bit/- 2.7...5.5 64 PLQP0064KB-A 85, 125 DTC, MCT R5F2136AY 96 K 8 K R5F2136CY 128 K 10 K R8C/36Z R5F21368Z 64 K 6 K – R8C – 60 4/3(2) – 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 16 x 10-bit/- 2.7...5.5 64 PLQP0064KB-A 85, 125 DTC, MCT R5F2136AZ 96 K 8 K R5F2136CZ 128 K 10 K R8C/38W R5F21388W 64 K 6 K 4 K R8C – 76 4/3(2) 1 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 20 x 10-bit/- 2.7...5.5 80 PLQP0080KB-A 85, 125 DTC, MCT R5F2138AW 96 K 8 K R5F2138CW 128 K 10 K R8C/38X R5F21388X 64 K 6 K – R8C – 76 4/3(2) 1 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 20 x 10-bit/- 2.7...5.5 80 PLQP0080KB-A 85, 125 DTC, MCT R5F2138AX 96 K 8 K R5F2138CX 128 K 10 K R8C/38Y R5F21388Y 64 K 6 K 4 K R8C – 76 4/3(2) – 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 20 x 10-bit/- 2.7...5.5 80 PLQP0080KB-A 85, 125 DTC, MCT R5F2138AY 96 K 8 K R5F2138CY 128 K 10 K R8C/38Z R5F21388Z 64 K 6 K – R8C – 76 4/3(2) – 1 – IEBus 4/5/– 11 20 128 kHz & 40 MHz – 20 x 10-bit/- 2.7...5.5 80 PLQP0080KB-A 85, 125 DTC, MCT R5F2138AZ 96 K 8 K R5F2138CZ 128 K 10 K F Series 78K0/FY2-L µPD78F0854 4 K 384 – 78K0 – 11 0/1(1) – 1 – – 2/2/– 2 20 30 kHz & 8 MHz – 4 x 10-bit/- 1.8...5.5, 2.7...5.5 16 MA-FAA-G 85, 125 POC, LVI, MUL µPD78F0855 8 K 512 µPD78F0856 16 K 768 78K0/FA2-L µPD78F0857 4 K 384 – 78K0 – 15 0/1(1) – 1 – – 2/2/– 4 20 30 kHz & 8 MHz – 6 x 10-bit/- 1.8...5.5, 2.7...5.5 20 MC-CAA-G 85, 125 POC, LVI, MCT, MUL µPD78F0858 8 K 512 µPD78F0859 16 K 768 78K0/FB2-L µPD78F0864 8 K 512 – 78K0 – 24 1/1(1) – 1 – – 2/3/– 6 20 30kHz& 8MHz – 9 x 10-bit/- 1.8...5.5, 2.7...5.5 30 MC-CAB-G 85, 125 POC, LVI, MCT, MUL µPD78F0865 16 K 768 78K0R/FB3 µPD78F1804 24 K 1.5 K 16 K 78K0R – 23, 25 2/2(2) – 0, 1 – – –/13/– 11 24 30 kHz & 8 MHz – 6-8 x 10-bit/- 2.7...5.5 30 - 32 MC-CAB-G, K8-3B4-G 85, 125, 140 POC, LVI, DMA, MUL, DIV µPD78F1805 32 K 2 K µPD78F1806 48 K 3 K µPD78F1807 64 K 4 K 78K0R/FC3 µPD78F1808 24 K 1.5 K 16 K 78K0R – 33 2/2(2) – 1 – – –/16/– 14 24 30 kHz & 8 MHz – 8 x 10-bit/- 2.7...5.5 40 K8-4B4-G 85, 125, 140 POC, LVI, DMA, MUL, DIV µPD78F1809 32 K 2 K µPD78F1810 48 K 3 K µPD78F1811 64 K 4 K µPD78F1812 24 K 1.5 K 41 11 x 10-bit/- 48 GA-GAM-G, K8-5B4-G µPD78F1813 32 K 2 K µPD78F1814 48 K 3 K µPD78F1815 64 K 4 K µPD78F1816 96 K 6 K µPD78F1817 128 K 8 K µPD78F1826 64 K 4 K 1 µPD78F1827 96 K 6 K µPD78F1828 128 K 8 K µPD78F1829 192 K 12 K µPD78F1830 256 K 16 K 78K0R/FE3 µPD78F1818 32 K 2 K 16 K 78K0R – 55 3/2(2) – 1 – – –/20/– 17 24 30 kHz & 8 MHz – 15 x 10-bit/- 2.7...5.5 64 GB-GAH-G 85, 125, 140 POC, LVI, DMA, MUL, DIV µPD78F1819 48 K 3 K µPD78F1820 64 K 4 K µPD78F1821 96 K 6 K 2 µPD78F1822 128 K 8 K µPD78F1831 64 K 4 K 1 µPD78F1832 96 K 6 K µPD78F1833 128 K 8 K µPD78F1834 192 K 12 K µPD78F1835 256 K 16 K 78K0R/FF3 µPD78F1823 64 K 4 K 16 K 78K0R – 71 3/3(2) – 2 – – –/20/– 17 24 30 kHz & 8 MHz – 16 x 10-bit/- 2.7...5.5 80 GK-GAK-G 85, 125, 140 POC, LVI, DMA, MUL, DIV µPD78F1824 96 K 6 K µPD78F1825 128 K 8 K µPD78F1836 64 K 4 K 1 µPD78F1837 96 K 6 K µPD78F1838 128 K 8 K µPD78F1839 192 K 12 K µPD78F1840 256 K 16 K 78K0R/FG3 µPD78F1841 64 K 4 K 16 K 78K0R – 89 4/3(2) 1 2 – – –/24/– 21 24 30 kHz & 8 MHz – 24 x 10-bit/- 2.7...5.5 100 GC-UEU-G 85, 125, 140 POC, LVI, DMA, MUL, DIV µPD78F1842 96 K 6 K µPD78F1843 128 K 8 K µPD78F1844 192 K 12 K µPD78F1845 256 K 16 K RL78/F12 R5F10968 8 K 0.5 K 4 K RL78 - 16 2/3 (1) - - - - -/9/- 3 32 32 MHz - 4 x 10-bit/- 1.6...5.5 20 MC-CAA-G 85, 125, 150 DMA, LVI, POC R5F1096A 16 K 1 K R5F1096B 24 K 1.5 K R5F1096C 32 K 2 K R5F1096D 48 K 3 K R5F1096E 64 K 4 K R5F109AA 16 K 1 K 4 K RL78 - 26 4/4 (1) - 1 - - -/9/- 3 32 32 MHz - 8 x 10-bit/- 1.6...5.5 30 MC-CAB-G 85, 125, 150 DMA, LVI, POC R5F109AB 24 K 1.5 K R5F109AC 32 K 2 K R5F109AD 48 K 3 K R5F109AE 64 K 4 K R5F109BA 16 K 1 K 4 K RL78 - 28 4/4 (1) - 1 - - -/9/- 3 32 32 MHz - 8 x 10-bit/- 1.6...5.5 32 K8-3B4-G 85, 125, 150 DMA, LVI, POC R5F109BB 24 K 1.5 K R5F109BC 32 K 2 K R5F109BD 48 K 3 K R5F109BE 64 K 4 K R5F109GA 16 K 1 K 4 K RL78 - 44 6/5 (1) - 1 - - -/9/- 4 32 32 MHz 10 x 10-bit/- 1.6...5.5 48 K8-5B4-G, GA-GAM-G 85, 125, 150 DMA, LVI, POC R5F109GB 24 K 1.5 K R5F109GC 32 K 2 K R5F109GD 48 K 3 K R5F109GE 64 K 4 K R5F109LA 16 K 1 K 4 K RL78 - 58 7/6 (1) - 1 - - -/9/- 7 32 32 MHz 12 x 10-bit/- 1.6...5.5 64 GB-GAH-G 85, 125, 150 DMA, LVI, POC R5F109LB 24 K 1.5 K R5F109LC 32 K 2 K R5F109LD 48 K 3 K R5F109LE 64 K 4 K RL78/F13 R5F10A68 8 K 0.5 K 4 K RL78 - 16 2/2 (1) - 2 - - -/17/- 8 32 32 MHz - 4 x 10-bit/- 2.7...5.5 20 MC-CAA-G 105, 125, 150 DTC, LVI, MCT, POC R5F10A6A 16 K 1 K R5F10A6B 24 K 1.5 K R5F10A6C 32 K 2 K R5F10A6D 48 K 3 K R5F10A6E 64 K 4 K R5F10AAA 16 K 1 K 4 K RL78 - 26 2/2 (1) - 2 - - -/17/- 8 32 32 MHz - 10 x 10-bit/- 2.7...5.5 30 MC-CAB-G 105, 125, 150 DTC, LVI, MCT, POC R5F10AAB 24 K 1.5 K R5F10AAC 32 K 2 K R5F10AAD 48 K 3 K R5F10AAE 64 K 4 K R5F10ABA 16 K 1 K 4 K RL78 - 28 2/2 (1) - 2 - - -/17/- 8 32 32 MHz - 8 x 10-bit/- 2.7...5.5 32 K8-3B4-G 105, 125, 150 DTC, LVI, MCT, POC R5F10ABB 24 K 1.5 K R5F10ABC 32 K 32 K R5F10ABD 48 K 3 K R5F10ABE 64 K 4 K R5F10AGA 16 K 1 K 4 K RL78 - 44 2/2 (1) - 2 - - -/17/- 8 32 32 MHz 12 x 10-bit/- 2.7...5.5 48 K8-5B4-G, GA-GAM-G 105, 125, 150 DTC, LVI, MCT, POC R5F10AGB 24 K 1.5 K R5F10AGC 32 K 2 K R5F10AGD 48 K 3 K R5F10AGE 64 K 4 K R5F10AGF 96 K 6 K 5 -/21/- 11 15 x 10-bit/- R5F10AGG 128 K 8 K R5F10ALB 24 K 1.5 K 4 K RL78 - 58 2/2 (1) - 2 - - -/17/- 8 32 32 MHz 12 x 10-bit/- 2.7...5.5 64 GB-GAH-G 105, 125, 150 DTC, LVI, MCT, POC R5F10ALC 32 K 2 K R5F10ALD 48 K 3 K R5F10ALE 64 K 4 K R5F10ALF 96 K 6 K 5 -/21/- 11 19 x 10-bit/- R5F10ALG 128 K 8 K R5F10AME 64 K 4 K 4 K RL78 - 74 4/3 (1) - 2 - - -/21/- 11 32 32 MHz 20 x 10-bit/- 2.7...5.5 80 GK-GAK-G 105, 125, 150 DTC, LVI, MCT, POC R5F10AMF 96 K 6 K 5 R5F10AMG 128 K 8 K R5F10BAC 32 K 2 K 4 K RL78 - 26 3/3 (1) 1 3 - - -/21/- 11 32 32 MHz - 12 x 10-bit/- 2.7...5.5 30 MC-CAB-G 105, 125, 150 DTC, LVI, MCT, POC R5F10BAD 48 K 3 K R5F10BAE 64 K 4 K R5F10BAF 96 K 6 K R5F10BAG 128 K 8 K R5F10BBC 32 K 2 K 4 K RL78 - 28 3/3 (1) 1 4 - - -/21/- 11 32 32 MHz - 10 x 10-bit/- 2.7...5.5 32 K8-3B4-G 105, 125, 150 DTC, LVI, MCT, POC R5F10BBD 48 K 3 K R5F10BBE 64 K 4 K R5F10BBF 96 K 6 K R5F10BBG 128 K 8 K R5F10BGC 32 K 2 K 4 K RL78 - 44 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 15 x 10-bit/- 2.7...5.5 48 K8-5B4-G, GA-GAM-G 105, 125, 150 DTC, LVI, MCT, POC R5F10BGD 48 K 3 K R5F10BGE 64 K 4 K R5F10BGF 96 K 6 K R5F10BGG 128 K 8 K R5F10BLC 32 K 2 K 4 K RL78 - 58 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 19 x 10-bit/- 2.7...5.5 64 GB-GAH-G 105, 125, 150 DTC, LVI, MCT, POC R5F10BLD 48 K 3 K R5F10BLE 64 K 4 K R5F10BLF 96 K 6 K R5F10BLG 128 K 8 K R5F10BME 64 K 4 K 4 K RL78 - 74 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 20 x 10-bit/- 2.7...5.5 80 GK-GAK-G 105, 125, 150 DTC, LVI, MCT, POC R5F10BMF 96 K 6 K R5F10BMG 128 K 8 K RL78/F14 R5F10PAD 48 K 4 K 4 K RL78 - 26 3/3 (1) 1 3 - - -/21/- 11 32 32 MHz - 12 x 10-bit/ 1 x 8-bit 2.7...5.5 30 MC-CAB-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PAE 64 K 6 K R5F10PBD 48 K 4 K 4 K RL78 - 28 3/3 (1) 1 4 - - -/21/- 11 32 32 MHz - 10 x 10-bit/ 1 x 8-bit 2.7...5.5 32 K8-3B4-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PBE 64 K 6 K R5F10PED 48 K 4 K 4 K RL78 - 36 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz - 12 x 10-bit/ 1 x 8-bit 2.7...5.5 40 K8-4B4-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PEE 64 K 6 K R5F10PGD 48 K 4 K 4 K RL78 - 44 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 15 x 10-bit/ 1 x 8-bit 2.7...5.5 48 K8-5B4-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PGE 64 K 6 K K8-5B4-G, GA-GAM-G R5F10PGF 96 K 8 K R5F10PGG 128 K 10 K R5F10PGH 192 K 16 K 8 K 4/4 (2) -/25/- 15 18 x 10-bit/ 1 x 8-bit R5F10PGJ 256 K 20 K R5F10PLE 64 K 6 K 4 K RL78 - 58 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 19 x 10-bit/ 1 x 8-bit 2.7...5.5 64 GB-GAH-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PLF 96 K 8 K R5F10PLG 128 K 10 K R5F10PLH 192 K 16 K 8 K 4/4 (2) -/25/- 15 20 x 10-bit/ 1 x 8-bit R5F10PLJ 256 K 20 K R5F10PME 64 K 6 K 4 K RL78 - 74 4/3 (1) 1 5 - - -/21/- 11 32 32 MHz 20 x 10-bit/ 1 x 8-bit 2.7...5.5 80 GK-GAK-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PMF 96 K 8 K R5F10PMG 128 K 10 K R5F10PMH 192 K 16 K 8 K 4/4 (2) -/25/- 15 26 x 10-bit/ 1 x 8-bit R5F10PMJ 256 K 20 K R5F10PPE 64 K 6 K 4 K RL78 - 92 4/4 (2) 1 5 - - -/25/- 15 32 32 MHz 31 x 10-bit/ 1 x 8-bit 2.7...5.5 100 GC-UEU-G 105, 125, 150 CMP, DTC, LVI, MCT, POC R5F10PPF 96 K 8 K R5F10PPG 128 K 10 K R5F10PPH 192 K 16 K 8 K R5F10PPJ 256 K 20 K LIN MCP R5F10L R5F10LGA 16 K 1 K 4 K RL78 - 26 2/4 (2) - 2 - - -/8/- 7 32 15 kHz & 32 MHz - 8 x 10-bit/- 6...28 48 K8-5B4-G 85, 125 POC, MUL, DIV, DMA; analogue: VR5, LTR, WDT, BVS R5F10LGC 32 K 2 K R5F10LGD 48 K 3 K R5F10LGE 64 K 4 K R5F10U R5F10UGA 16 K 1 K 4 K RL78 - 26 2/4 (2) - 2 - - -/8/- 7 32 15 kHz & 32 MHz - 8 x 10-bit/- 6...28 48 K8-5B4-G 85, 125 POC, MUL, DIV, DMA; analogue: VR3, LTR, WDT, BVS R5F10UGC 32 K 2 K R5F10UGD 48 K 3 K R5F10UGE 64 K 4 K F Series V850E2/FE4-L µPD70F3570 256 K 24 K 32 K V850E2 – 43 2/2(2) 1 1 – – –/16/4 15 48 240 kHz & 8 MHz – 12 x 10-bit/- 4.5...5.5 64 GB-GAH-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3571 384 K 28 K µPD70F3572 512 K 32 K V850E2/FF4-L µPD70F3573 256 K 24 K 32 K V850E2 – 57 2/2(2) 1 1 – – –/16/4 18 48 240 kHz & 8 MHz – 14 x 10-bit/- 4.5...5.5 80 GK-GAK-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3574 384 K 28 K µPD70F3575 512 K 32 K V850E2/FG4-L µPD70F3576 256 K 24 K 32 K V850E2 – 76 3/3(3) 2 1 – – –/16/4 18 48 240 kHz & 8 MHz – 20 x 10-bit/- 4.5...5.5 100 GC-UEU-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3577 384 K 28 K µPD70F3578 512 K 32 K µPD70F3579 768 K 48 K 64 µPD70F3580 1 M 64 K V850E2/FJ4-L µPD70F3581 256 24 K 32 K V850E2 – 116 3/3(3) 2 1 – – –/32/4 30 48 240 kHz & 8 MHz – 24 x 10-bit/- 4.5...5.5 144 GJ-GAE-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3582 384 K 28 K µPD70F3583 512 K 32 K 3/5(5) µPD70F3584 768 K 48 K 64 µPD70F3585 1 M 64 K µPD70F3586 1.5 M 96 K V850E2/FK4-L µPD70F3587 768 K 48 K 32 V850E2 – 141 4/5(5) 2 1 – – –/32/4 31 64 240 kHz & 8 MHz – 24 x 10-bit/- 4.5...5.5 176 GM-GAR-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3588 1 M 64 K µPD70F3589 1.5 M 96 K V850E2/FG4 µPD70F3548 512 K 48 K 32 K V850E2 – 72 3/5(5) 2 1 – – –/32/8 36 80 240 kHz & 8 MHz – 20 x 12-bit/- 3.0...5.5 100 GC-UEU-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3549 768 K 64 K µPD70F3550 1 M 80 K µPD70F4000 512 K 48 K FlexRay µPD70F4001 768 K 64 K µPD70F4002 1 M 80 K V850E2/FJ4 µPD70F3551 512 K 48 K 32 K V850E2 – 112 4/6(6) 3 1 – – –/32/8 65 80 240 kHz & 8 MHz 24 x 12-bit/- 3.0...5.5 144 GJ-GBG-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3552 768 K 64 K µPD70F3553 1 M 80 K µPD70F3554 1.5 M 112 K 64 K µPD70F4003 512 K 48 K 32 K – FlexRay µPD70F4004 768 K 64 K µPD70F4005 1 M 80 K µPD70F4006 1.5 M 112 K 64 K V850E2/FK4 µPD70F3555 768 K 64 K 32 K V850E2 – 136 5/8(8) 4 1 – –/32/8 68 80 240 kHz & 8 MHz 40 x 12-bit/- 3.0...5.5 176 GM-GBK-G 85, 110, 125 BUR, DMA, POC, SPF µPD70F3556 1 M 80 K µPD70F3557 1.5 M 112 K 64 K µPD70F3558 2 M 144 K µPD70F4007 768 K 64 K 32 K – FlexRay µPD70F4008 1 M 80 K µPD70F4009 1.5 M 112 K 64 K µPD70F4010 2 M 144 K V850E2/FL4 µPD70F3559 1.5 M 112 K 64 K V850E2 164 5/12 (12) 5 1 – –/32/8 84 80 240 kHz & 8 MHz 48 x 12-bit/- 3.0...5.5 208, 272 GD-FAD-G, F1-JN1-A 85, 110, 125 BUR, DMA, POC, SPF µPD70F3560 2 M 144 K µPD70F4011 1.5 M 112 K FlexRay µPD70F4012 2 M 144 K V850E2/FK4-H µPD70F3561 2 M 144 K 64 K V850E2 131 5/12 (12) 5 1 FlexRay, Ethernet –/48/8 67 160 240 kHz & 8 MHz 40 x 12-bit/- 3.0...5.5 176 GM-GBK-G 85, 110, 125 BUR, DMA, POC, SPF V850E2/FL4-H µPD70F3564 2 M 144 K 64 K V850E2 161 6/12 (12) 6 1 FlexRay, Ethernet –/48/8 84 160 240 kHz & 8 MHz 48 x 12-bit/- 3.0...5.5 272 F1-JN1-A 85, 110, 125 BUR, DMA, POC, SPF V850E2/FKG4 µPD70F3592 1 M 128 K 32 K V850E2 136 3/5(5) 6 1 – FlexRay –/32/8 68 80 240 kHz & 8 MHz 36 x 12-bit/- 3.0...5.5 176 GM-GBK-G 85, 110, 125 BUR, DMA, POC, SPF SH-2A SH7253 R5F72531 1.25 M 64 K 32 K SH2A 102 2/3(0) 2 – – – –/98/5 20 120 120 MHz – 32 x 12-bit/- 3.0...3.6, 4.5...5.5 176 PLQP0176KB-A 125 DMA R5F72531D 160 160 MHz R5F72533 2 M 96 K SH7254R R5F72543R 2 M 128 K 128 K SH2A 144 3/5(0) 3 – – –/114/7 24 200 200 MHz – 37 x 12-bit/- 3.0...3.6, 4.5...5.5 272 PRBG0272FA-A 125 DMA R5F72544R 2.5 M R5F72546R 3.75 M 256 K SH7256R R5F72567R 4 M 256 K 128 K SH2A 144 3/5(0) 4 – FlexRay –/114/7 24 200 200 MHz – 37 x 12-bit/- 3.0...3.6, 4.5...5.5 272 PRBG0272FA-A 125 DMA SH-4A SH7450/51 R5F74504 2 M 512 K – SH4A (vector) 166 3/4(0) 5 1 FlexRay –/58/12 40 240 – – 24 x 12-bit/- 3.0...5.5 292 PRBG0292GB-A 125 DMA, DRO, DRI R5F74513 – SH7455/56 R5F74552 1 M 256 K – SH4A (vector) 108 3/4(0) 4 1 – FlexRay –/55/10 40 160 – – 16 x 12-bit/- 3.0...5.5 176 PRBG0176GA-A 125 DMA, DRO, DRI R5F74562 – D Series RL78/D1A R5F10CGB 24 K 2 K 8 K RL78 - 38 2/1 (1) - 1 - - -/24/- 15 32 32 MHz - 5 x 10-bit/- 2.7...5.5 48 GA-GAM-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10CGC 32 K R5F10CGD 48 K 3 K R5F10CLD 48 K 3 K 8 K RL78 - 54 2/2 (2) - 1 - - -/24/- 18 32 32 MHz - 5 x 10-bit/- 2.7...5.5 64 GB-GAH-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10CMD 48 K 3 K 8 K RL78 - 68 2/2 (2) - 1 - - -/24/- 21 32 32 MHz - 8 x 10-bit/- 2.7...5.5 80 GK-GAK-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10CME 64 K 4 K R5F10DGC 32 K 2 K 8 K RL78 - 38 2/1 (1) 1 1 - - -/24/- 15 32 32 MHz - 5 x 10-bit/- 2.7...5.5 48 GA-GAM-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10DGD 48 K 3 K R5F10DGE 64 K 4 K R5F10DLD 48 K 3 K 8 K RL78 - 54 2/2 (2) 1 1 - - -/24/- 18 32 32 MHz - 5 x 10-bit/- 2.7...5.5 64 GB-GAH-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10DLE 64 K 4 K R5F10DMD 48 K 3 K 8 K RL78 - 68 2/2 (2) 1 1 - - -/24/- 21 32 32 MHz - 8 x 10-bit/- 2.7...5.5 80 GK-GAK-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10DME 64 K 4 K R5F10DMF 96 K 6 K 8 K RL78 - 68 2/2 (2) 1 1 - - -/24/- 21 32 32 MHz - 8 x 10-bit/- 2.7...5.5 80 GK-GAK-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10DMG 128 K 8 K R5F10DMJ 256 K 16 K R5F10DPE 64 K 4 K 8 K RL78 - 84 3/2 (2) 1 1 - - -/24/- 21 32 32 MHz - 9 x 10-bit/- 2.7...5.5 100 GC-UEU-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10DPF 96 K 6 K R5F10DPG 128 K 8 K R5F10DPJ 256 K 16 K R5F10TPJ 256 K 16 K 8 K RL78 - 84 3/2 (2) 2 1 - - -/24/- 21 32 32 MHz - 9 x 10-bit/- 2.7...5.5 100 GC-UEU-G 85, 105 DMA, LCD, POC, RTC, SMC, SND R5F10TPK 384 K 20 K R5F10TPL 512 K 24 K R5F10TSK 384 K 20 K 8 K RL78 - 96 3/2 (2) 2 1 - - -/24/- 21 32 32 MHz - 11 x 10-bit/- 2.7...5.5 128 GF-GAT-G 85, 105 DMA, LCD, LBI, POC, RTC, SMC, SND R5F10TSL 512 K 24 K V850E2/DJ4 µPD70F3522 256 K 24 K 32 K V850E2 – 105 3/2(2) 3 2 – – –/80/12 56 80 240 kHz & 8 MHz 16 x 12-bit/- 2.7...5.5 144 GJ-GAE-G 85, 105 POC, DMA, SMC, LCD, BUR, SPF µPD70F3523 512 K 48 K µPD70F3524 1 M 96 K I²S 120 µPD70F3525 2 M 192 K GJ-GAE-G, GJ-GBG-G µPD70F3526 3 M 256 K V850E2/DK4-H µPD70F3529 2 M 96 K 32 K V850E2 – 127 2/2(2) 3 2 – I²S –/48/4 20 80 240 kHz & 8 MHz 12 x 12-bit/- 2.7...5.5 176 GM-GBK-G 85, 105 BUR, DMA, GFX, POC, SMC, SND, SPF V850E2/DN4-H µPD70F3532 3 M 256 K 32 K V850E2 222 3/4(4) 3 2 I²S, FlexRay –/80/12 69 160 240 kHz & 8 MHz 16 x 12-bit/- 2.7...5.5 352 F1-KN7-A 85, 105 DMA, SPF, BUR, POC, SMC, SND, GFX V850E2/DP4-H µPD70F3535 3 M 256 K 32 K V850E2 165 3/4(4) 3 2 – I²S, FlexRay –/80/12 69 160 240 kHz & 8 MHz 16 x 12-bit/- 2.7...5.5 408 F1-MNM-A 85, 105 DMA, SPF, BUR, POC, SMC, SND, GFX µPD70F3536 µPD70F3537 V850E2/DR4-3D µPD70F3539 2 M 96 K – V850E2 77 2/2(2) 3 1 I²S, FlexRay, Ethernet, MLB –/32/1 37 400 16 MHz – -/- 3.0...3.6 672 F5-PN7-A 85 DMA, SPF, GFX P Series V850E2/PF4-L µPD70F4152/53 384 K 24 K 16 K 2 x V850E2 - 28 2/2 (2) 1 - - – -/17/2 23 80 – – 14 x 12-bit/- 4.5...5.5 80 GK-GAK-G 125 DMA, LVI, MCT, POC, SPF V850E2/PG4-L µPD70F4154/55 384 K 24 K 16 K 2 x V850E2 - 42 2/2 (2) 2 - - – -/17/6 26 80 – – 14 x 12-bit/- 3.0...5.5 100 GC-UEU-G 125 DMA, LVI, ENC, MCT, POC, SPF µPD70F4156 35 3 -/25/2 31 22 x 12-bit/- µPD70F4157 512 K 48 K V850E2/PH4-L µPD70F4158 512 K 48 K 16 K 2 x V850E2 - 66 2/2 (2) 3 - - – -/25/2 31 80 – – 24 x 12-bit/- 3.0...5.5 128 GF-GAT-G 125 DMA, LVI, ENC, MCT, POC, SPF V850E2/PJ4 µPD70F3504 384 K 24 K 32 K 2 x V850E2 73 5/3 (3) 2 – – – -/44/8 52 80 – – 22 x 10-bit/- 3.0 ... 3.6 144 GJ-GBG-G 85, 125 LVI, POC, DMA, ENC, MCT, SPF µPD70F3506 512 K 40 K FlexRay µPD70F3507 22 x 12-bit/- 4.5 ... 5.5 µPD70F3508 1 M 80 K 160 22 x 10-bit/- 3.0 ... 3.6 µPD70F3509 22 x 12-bit/- 4.5 ... 5.5 V850E2/PJ4-E µPD70F3598 1 M 80 K 32 K 2 x V850E2 63 4/3 (3) 3 – – – -/32/6 38 128 – – 32 x 12-bit/- 4.5 ... 5.5 144 GJ-GBG-G 85, 125 LVI, POC, DMA, ENC, MCT, SPF, RIF S Series V850ES/SG3 µPD70F3333 256 K 24 K – V850ES – 84 5/3(3) – 3 – –/8/– 9 32 220 kHz 12 x 10-bit/ 2 x 8-bit 2.8...3.6 100 GC-UEU-AX 85 LVI, DMA µPD70F3334 384 K 32 K µPD70F3335 256 K 24 K 1 µPD70F3336 384 K 32 K µPD70F3340 512 K 40 K – µPD70F3341 640 K 48 K µPD70F3342 768 K 60 K µPD70F3343 1 M µPD70F3350 512 K 40 K 1 µPD70F3351 640 K 48 K µPD70F3352 768 K 60 K µPD70F3353 1 M V850ES/SJ3 µPD70F3344 384 K 32 K – V850ES – 128 6/4(4) – 3 – –/11/– 12 32 220 kHz 16 x 10-bit/ 2 x 8-bit 2.8...3.6 144 GJ-GAE-AX 85 LVI, DMA µPD70F3345 512 K 40 K µPD70F3346 640 K 48 K µPD70F3347 768 K 60 K µPD70F3348 1 M µPD70F3354 384 K 32 K 1 µPD70F3355 512 K 40 K µPD70F3356 640 K 48 K µPD70F3357 768 K 60 K µPD70F3358 1 M µPD70F3364 384 K 32 K 2 µPD70F3365 512 K 40 K µPD70F3366 640 K 48 K µPD70F3367 768 K 60 K µPD70F3368 1 M V850E/SJ3-H µPD70F3474 1.25 M 92 K – V850E – 128 8/8(6) – 6 – –/13/– 12 48 220 kHz 16 x 10-bit/ 2 x 8-bit 2.8...3.6 144 GJ-GAE-G 85 LVI, DMA µPD70F3475 1 µPD70F3476 2 µPD70F3477 1.5 M – µPD70F3478 1 µPD70F3479 2 µPD70F3931B 512 K 60 K 6/8(6) – 4 µPD70F3932B 1 µPD70F3933B 2 µPD70F3934B 768 K 76 K 8/8(6) – 6 µPD70F3935B 1 µPD70F3936B 2 µPD70F3937B 1 M – µPD70F3938B 1 µPD70F3939B 2 V850E/SK3-H µPD70F3480 1.5 M 92 K – V850E – 156 8/8(6) – 6 – –/13/– 12 48 220 kHz 16 x 10-bit/ 2 x 8-bit 2.8...3.6 176 GM-GAR-G 85 LVI, DMA µPD70F3481 1 µPD70F3482 2 µPD70F3486 1.25 M – µPD70F3487 1 µPD70F3488 2 µPD70F3925 1 M 76 K – µPD70F3926 1 µPD70F3927 2 Edition March 2012 www.renesas.eu Other features: BUR Backup RAM DRO Direct RAM Output LCD LCD controller/driver POC Power-On Clear SRC Sample Rate Converter BVS Battery Voltage Supervision DTC Data transfer controller LBI LCD bus interface RIF Resolver interface VR3 Voltage Regulator 3.3 V CMP Comparator(s) ENC Encoder timer for rotary switch LTR LIN Transceiver RTC Real-Time Clock VR5 Voltage Regulator 5.0 V DIV Hardware divider GFX 2D/3D graphics engine LVI Low-voltage indicator SMC Stepper motor controller WDT Window Watchdog Timer DMA Direct memory access GPS GPS baseband controller MCT Motor control timer SND Sound generator XIP Execute in Place from serial flash DRI Direct RAM Input IMR Image renderer MUL Hardware multiplier SPF System protection function |