| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PS8601L-A bảng dữ liệu(PDF) 4 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
PS8601L-A bảng dữ liệu(HTML) 4 Page - California Eastern Labs |
|
4 / 12 page ![]() PS8601,PS8601L MARKING EXAMPLE PS8601 M003 No. 1 pin Mark M Week Assembled Year Assembled (Last 1 Digit) CTR Rank Code 0 03 Country Assembled Type Number Assembly Lot ORDERING INFORMATION (Solder Contains Lead) Part Number Package Packing Style Application Part Number *1 PS8601 8-pin DIP Magazine case 50 pcs PS8601 PS8601L PS8601L PS8601L1 PS8601L2 PS8601L-E3 Embossed Tape 1 000 pcs/reel PS8601L-E4 PS8601-V Magazine case 50 pcs PS8601 PS8601L-V PS8601L PS8601L1-V PS8601L2-V PS8601L-V-E3 Embossed Tape 1 000 pcs/reel PS8601L-V-E4 *1 For the application of the Safety Standard, following part number should be used. Data Sheet PN10262EJ01V0DS 4 |