| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD2943W bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SD2943W bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() SD2943 Package mechanical data Doc ID 11584 Rev 3 11/15 6 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Table 9. M177 (.550 DIA 4/L N/HERM W/FLG) DIM. mm. inch Min. Typ - Max. Min. Typ Max. A 5.72 5.97 0.225 - 0.235 B 6.73 6.96 0.265 0.275 C 21.84 22.10 0.860 0.870 D 28.70 28.96 1.130 1.140 E 13.84 14.10 0.545 0.555 F 0.08 0.18 0.003 0.007 G 2.49 2.74 0.098 0.108 H 3.81 4.32 0.150 0.170 I 7.11 0.280 J 27.43 28.45 1.080 1.120 K 15.88 16.13 0.625 0.635 |