| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EL2003C bảng dữ liệu(PDF) 9 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2003C bảng dữ liệu(HTML) 9 Page - Elantec Semiconductor |
|
9 / 17 page ![]() 9 EL2003C, EL2033C 100MHz Video Line Driver Capacitive Loads The EL2003C and EL2033C are stable driving any type of capacitive load. However, when driving a pure capac- itance of less than a thousand picofarads the frequency response has excessive peaking as shown in the charac- teristic curves. The squarewave response will have large overshoots and will ring for several hundred nanoseconds. If the peaking and ringing cause system problems they can be eliminated with an RC snubber circuit from the output to ground. The values can be found empirically by observing a squarewave or the frequency response. First just put the resistor alone from output to ground until the desired response is obtained. Of course the gain will be reduced due to ROUT. Then put capacitance in series with the resistor to restore the gain at low frequen- cies. Start with a small capacitor and increase until the response is optimum. Too large a capacitor will roll the gain off prematurely and result in a longer settling time. The figure below shows an example of an EL2003C driving a 330pF load, which is similar to the input of a flash converter. Inductive Loads The EL2003C and EL2033C can drive small motors, solenoids, LDT's and other inductive loads. Foldback current limiting is NOT used in the EL2003C or EL2033C and current limiting into an inductive load does NOT in and of itself cause spikes or kickbacks. However, if the EL2003C or EL2033C is in current limit and the input voltage is changing quickly (i.e., a square- wave) the inductive load can kick the output beyond the supply voltage. Motors are also able to generate kick- backs when the EL2003C or EL2033C is in current limit. To prevent damage to the EL2003C and EL2033C when the output kicks beyond the supplies it is recommended that catch diodes be placed from each supply to the output. Reverse Isolation The EL2003C and EL2033C have excellent output to input isolation over a wide frequency range. This char- acteristic is very important when the buffer is used to drive signals between different equipment over cables. Often the cable is not perfect or the termination is improper and reflections occur that act like a signal source at the output of the buffer. Worst case the cable is connected to a source instead of where it is supposed to go. In both situations the buffer must keep these signals from its input. The following curve shows the reverse isolation of the EL2003C and EL2033C verses fre- quency for various source resistors. Driving a Pure Capacitance Top Trace is without Snubber. Bottom Trace is with Snubber Circuit. |